Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSG90529. Datasheet(PDF) 3 Page - Pro-Signal

Part # PSG90529.
Description  Ethernet Cable RJ45 Plug to RJ45 Plug
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

PSG90529. Datasheet(HTML) 3 Page - Pro-Signal

  PSG90529. Datasheet HTML 1Page - Pro-Signal PSG90529. Datasheet HTML 2Page - Pro-Signal PSG90529. Datasheet HTML 3Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Page <3>
V1.0
21/07/21
Ethernet Cable
RJ45 Plug to RJ45 Plug
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. pro-SIGNAL is the registered trademark of Premier Farnell Limited 2019.
Description
Colour Length (L) Part Number
Lead Patch Cat6, RJ45 Plug-Plug
Pink
15m
PSG91010
1m
PSG90574
20m
PSG91011
2m
PSG90575
3m
PSG90576
5m
PSG90577
Red
0.2m
PSG90855
0.5m
PSG90555
10m
PSG90560
15m
PSG91004
1m
PSG90556
20m
PSG91005
2m
PSG90557
3m
PSG90558
5m
PSG90559
White
0.2m
PSG90853.
0.5m
PSG90541
10m
PSG90546
15m
PSG90547
1m
PSG90542.
20m
PSG90548
2m
PSG90543
3m
PSG90544
5m
PSG90545
Yellow
0.2m
PSG90856
0.5m
PSG90561
10m
PSG90566
15m
PSG91006
1m
PSG90562
20m
PSG91007
2m
PSG90563
3m
PSG90564
5m
PSG90565



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com