Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD103CWS Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # SD103CWS
Description  Schottky Barrier Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SD103CWS Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  SD103CWS Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SD103CWS Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited SD103CWS Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BL Galaxy Electrical
Production specification
Schottky Barrier Diode
SD103AWS/SD103BWS/SD103CWS
Document number: BL/SSSKB025
www.galaxycn.com
Rev.A
2
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Reverse Breakdown Voltage SD103AWS
SD103BWS
SD103CWS
V(BR)R
40
30
20
V
IR=10
μA
IR=10
μA
IR=10
μA
Forward voltage
VF
0.37
0.60
V
IF=20mA
IF=200mA
Reverse current
SD103AWS
SD103BWS
SD103CWS
IRM
5.0
μA
VR=30V
VR=20V
VR=10V
Capacitance between terminals
CT
50
pF
VR=0,f=1MHz
Reverse Recovery Time
trr
10
ns
IR=IF=200mA
Irr=0.1*IR,RL=100
Ω
TYPICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com