Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD103CWS Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # SD103CWS
Description  Schottky Barrier Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SD103CWS Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  SD103CWS Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SD103CWS Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited SD103CWS Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BL Galaxy Electrical
Production specification
Schottky Barrier Diode
SD103AWS/SD103BWS/SD103CWS
Document number: BL/SSSKB025
www.galaxycn.com
Rev.A
1
FEATURES
Pb
Lead-free
Low Forward Voltage Drop.
Guard Ring Construction For Transient
Protection.
Negligible Reverse Recovery Time.
Low Reverse Capacitance.
APPLICATIONS
Schotty barrier switching.
SOD-323
ORDERING INFORMATION
Type No.
Marking
Package Code
SD103AWS
S4
SOD-323
SD103BWS
S5
SOD-323
SD103CWS
S6
SOD-323
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Parameter
Symbol
SD103AWS
SD103BWS
SD103CWS
Unit
Peak Repetitive Peak reverse voltage
Working Peak
DC Reverse Voltage
VRR
VRWM
VR
40
30
20
V
RMS Reverse Voltage
VR(RMS)
28
21
14
V
Forward Continuous Current
IF
350
mA
Repetitive Peak Forward Current
@t≤1.0s
IFRM
1.5
A
Power Dissipation
Pd
400
mW
Thermal Resistance Junction to
Ambient
RθjA
300
℃/W
Storage temperature
Tstg
-65~+125
℃
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified


Similar Part No. - SD103CWS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SD103CWS PANJIT-SD103CWS Datasheet
56Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER
logo
Diodes Incorporated
SD103CWS DIODES-SD103CWS Datasheet
62Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30101 Rev. 7 - 2
logo
General Semiconductor
SD103CWS GE-SD103CWS Datasheet
130Kb / 3P
SCHOTTKY DIODES
logo
Weitron Technology
SD103CWS WEITRON-SD103CWS Datasheet
73Kb / 3P
Surface Mount Schottky Barrier Diodes
logo
Diodes Incorporated
SD103CWS DIODES-SD103CWS Datasheet
406Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30101 Rev. 14 - 2
More results

Similar Description - SD103CWS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com