Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI080900. Datasheet(PDF) 1 Page - Multicomp Pro

Part # PI080900.
Description  Piano Key - Short & Long Actuator DIL Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

PI080900. Datasheet(HTML) 1 Page - Multicomp Pro

  PI080900. Datasheet HTML 1Page - Multicomp Pro PI080900. Datasheet HTML 2Page - Multicomp Pro PI080900. Datasheet HTML 3Page - Multicomp Pro PI080900. Datasheet HTML 4Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Piano Key - Short & Long Actuator
DIL Switches
Page 1
31/05/05 V1.0
Features:
• SPST with low contact resistance.
• Down for off.
• Vapour phase solderable, IR reflow solderable.
• Insert moulding of terminals and ultrasonic welding.
• Fully sealed construction permits washing with freon, alcohol, water
and steam.
• Double contacts for high reliability.
1. Style:
This specification describes "WASHABLE OF DUAL IN-LINE PACKAGE SWITCHES", mainly used as signal switch of electric
devices, with the general requirements off mechanical and electrical characteristics.
Operating temperature
: -20°C to +70°C.
Storage temperature range
: -40°C to +85°C.
2. Current Range:
Non-switching
: 100mA, 50V dc.
Switching
: 25mA, 24V dc.
3. Type of Actuation
: Actuated by sliding.
Dimensions : Millimetres (Inches)


Similar Part No. - PI080900.

ManufacturerPart #DatasheetDescription
logo
PREMIER DEVICES, INC.
PI0860DG-21 PDI-PI0860DG-21 Datasheet
70Kb / 1P
DROP-IN ISOLATOR
PI0860DG-21H PDI-PI0860DG-21H Datasheet
88Kb / 1P
DROP-IN ISOLATOR
More results

Similar Description - PI080900.

ManufacturerPart #DatasheetDescription
logo
ITT Industries
PVA ITT-PVA Datasheet
191Kb / 3P
Short Stroke Key Switches
logo
C&K Components
PVA CK-COMPONENTS-PVA Datasheet
182Kb / 3P
Short Stroke Key Switches
logo
E-SWITCH
KAP E-SWITCH-KAP Datasheet
139Kb / 2P
PIANO DIP SWITCHES
KAR E-SWITCH-KAR Datasheet
542Kb / 3P
PIANO DIP SWITCHES
logo
List of Unclassifed Man...
CHP-040TB ETC2-CHP-040TB Datasheet
199Kb / 6P
PIANO SWITCHES(HALF PITCH)
logo
Copal Electronics
CFP COPAL-CFP Datasheet
451Kb / 5P
PIANO SWITCHES (FULL PITCH)
CHP COPAL-CHP Datasheet
960Kb / 6P
PIANO SWITCHES (HALF PITCH)
CYP COPAL-CYP Datasheet
942Kb / 5P
PIANO SWITCHES (FULL PITCH)
logo
MOSDESIGN SEMICONDUCTOR...
M84B MOSDESIGN-M84B Datasheet
143Kb / 1P
PIANO / MANDOLIN 1-KEY-1-NOTE
2012-04-12
logo
C&K Components
PVA CK-COMPONENTS-PVA_V01 Datasheet
291Kb / 3P
Short Stroke Key Switches
24 may 19
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com