Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI080900. Datasheet(PDF) 2 Page - Multicomp Pro

Part # PI080900.
Description  Piano Key - Short & Long Actuator DIL Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

PI080900. Datasheet(HTML) 2 Page - Multicomp Pro

  PI080900. Datasheet HTML 1Page - Multicomp Pro PI080900. Datasheet HTML 2Page - Multicomp Pro PI080900. Datasheet HTML 3Page - Multicomp Pro PI080900. Datasheet HTML 4Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Piano Key - Short & Long Actuator
DIL Switches
Page 2
31/05/05 V1.0
Item
Description
Test Conditions
Requirements
Electric Performance:
1
Visual Examination
By visual examination check without any out pressure
and testing.
There shall be no defects that
affect the serviceability of the
product.
2
Contact Resistance
1. To be measured between the two terminals
associated with each switch pole.
2. Measurements shall be made with a 1KHz shall
current contact resistance meter.
50m
Ω maximum (initial).
3
Insulation Resistance
500V dc, 1 minute ±5 seconds.
100M
Ω minimum.
4
Dielectric Withstanding Voltage
300V ac (50Hz or 60Hz) shall be applied between all the
adjacent terminals and between the terminal and the
frame for 1 minute.
There shall be no breakdown or
flashover.
5
Capacitance
1MHz ±10kHz.
5pF maximum.
Mechanical Performance:
6
Operation Force
Applied in the direction of operation.
ON
OFF
OFF
ON
800gf maximum.
7
Stop Strength
A static load of PI: Short actuator: 1kgf, Long actuator:
1kgf is applied in the operating direction and pulling
direction, operated for a period of 15 seconds.
There shall be no sign of
damage mechanically.
8
Soldering Heat Resistance
1. Soldering temperature:
As show in item 2 to 6.
P.C.Board
Terminal PI
260°C ±5°C
5 ±1 seconds.
2. Duration of solder immersion: 5 ±1 seconds.
3. Frequency of solder process: 2 times maximum.
(PCB is 1.6mm in thickness).
9
Vibration
Shall be vibrated in accordance with Method 201A of
MIL-STD-202F
1.Frequency : 10-55-10Hz 1 minute/cycle
2.Direction
: 3 vertical directions including the direction
of operation.
3.Test time : 2 hours each direction.
As show in item 2 to 6.
10
Shock
Shall be shocked in accordance with Method 213B
Condition A MIL-STD-202F
1.Acceleration
: 50G.
2.Action time
: 11 ±1m seconds.
3.Testing direction
: 6 sides.
4.Test cycle
: 3 times in each direction.
As show in item 2 to 6.
11
Solderability
1.PI soldering temperature
: 230 ±5°C.
2.Flux
: 5 - 10 seconds.
3.Duration of solder immersion : 3 ±0.5 seconds.
No anti-soldering and the
coverage of dipping into solder
must more than 75% was
requested.
4. Test Sequence



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com