| Electronic Components Datasheet Search |
|
FT201XQ-R Datasheet(PDF) 37 Page - Future Technology Devices International Ltd. |
|
|
|||||||||||||||||||||||||||||
FT201XQ-R Datasheet(HTML) 37 Page - Future Technology Devices International Ltd. |
|
37 / 49 page ![]() Copyright © 2014 Future Technology Devices International Limited 37 FT201X USB I2C SLAVE IC Datasheet Version 1.4 Document No.: FT_000627 Clearance No.: FTDI# 264 I2C master implemented in a microcontroller (MCU) or FPGA. However, special commands can also be used to access the MTP memory in the FT201X over the same I2C connection, allowing the MCU/FPGA to read and write locations in the MTP memory. No additional hardware, connections or programming voltages are required. Two examples where it may be desired to use the I2C interface to write and read the MTP Memory are given below. In some cases, the application may use both of these possibilities. 1. To store and retrieve application specific data such as calibration constants in the user area (e.g. if the overall application was an analog measurement system). This can avoid the need for an extra EEPROM chip on the application board. 2. To read and write the configuration data (e.g. custom VID, PID, description strings or CBUS signal selection to enable signals for battery charging etc) without a USB host. This could allow an MCU/FPGA to configure the FT201X during production testing of the finished device or even when in use in the field. The information in the rest of this chapter can be used to implement the storing and reading of application data in the user area as in example 1 above. Example 2 requires details of the configuration data stored in the MTP memory. Further details can be found in the following application note: http://www.ftdichip.com/Support/Documents/AppNotes/AN_201_FT- X%20MTP%20Memory%20Configuration.pdf 10.3 Memory Map The FT-X family MTP memory has various areas which come under three main categories: User Memory Area Configuration Memory Area (writable) Configuration Memory Area (non-writable) Memory Area Description Word Address User Memory Area 2 Accessible via USB, I2C and FT1248 0x3FF - 0x80 Configuration Memory Area Accessible via USB, I2C and FT1248 0x7E - 0x50 Configuration Memory Area Cannot be written 0x4E - 0x40 User Memory Area 1 Accessible via USB, I2C and FT1248 0x3E - 0x12 Configuration Memory Area Accessible via USB, I2C and FT1248 0x10 - 0x00 Figure 10.1: Simplified memory map for the FT201X User Memory Area |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |