Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAFS28/BL/10M Datasheet(PDF) 1 Page - ABB

Part # PAFS28/BL/10M
Description  STD WGT FINE BLK NYL COND NC28 10M
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

PAFS28/BL/10M Datasheet(HTML) 1 Page - ABB

  PAFS28/BL/10M Datasheet HTML 1Page - ABB PAFS28/BL/10M Datasheet HTML 2Page - ABB PAFS28/BL/10M Datasheet HTML 3Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
STD WGT FINE BLK NYL COND NC28 10M
PAFS28/BL/10M
Extended Product Type
PAFS28/BL/10M
Product ID
7TCA296000R2226
EAN
5020963001451
Catalog Description
STD WGT FINE BLK NYL COND NC28 10M
Long Description
Standard Weight Conduit, Nominal Conduit Size 28mm, NW Conduit Size 23, Fine
Conduit Pitch, Outside Diameter 28.5mm, Inside Diameter 22.6mm, Static Bend Radius
50mm, Reel Length 10 Meters, Polyamide (Nylon) 6, Black
General Information
PRODUCT-DETAILS
Ordering
5020963001451
EAN
3926909990
Customs Tariff Number
Dimensions
2.2 lb
997.732 g
Product Net Weight
Container Information
1 piece
Package Level 1 Units
37 in
940 mm
Package Level 1 Width


Similar Part No. - PAFS28/BL/10M

ManufacturerPart #DatasheetDescription
logo
ABB
PAFS28/BL/25M ABB-PAFS28/BL/25M Datasheet
83Kb / 3P
STD WGT FINE BLK NYL COND NC28 25M
More results

Similar Description - PAFS28/BL/10M

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
25271 ALPHAWIRE-25271 Datasheet
43Kb / 2P
2 COND Cabled
25491 ALPHAWIRE-25491 Datasheet
43Kb / 2P
2 COND Cabled
logo
E-SWITCH
R1966DBLKBLKBR E-SWITCH-R1966DBLKBLKBR Datasheet
37Kb / 1P
R1966D BLK BLK BR
A
logo
Belden Inc.
9341 BELDEN-9341 Datasheet
169Kb / 2P
High Perform Instr, 1 Pr #18 Str TC, PVC-NYL Ins E2, OS, Blk PVC Jkt, 600V TC
04-14-2023
9488 BELDEN-9488 Datasheet
192Kb / 2P
High Perform Instr, 1 Pr #14 Str TC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC
04-14-2023
9489 BELDEN-9489 Datasheet
191Kb / 2P
High Perform Instr, 1 Pr #12 Str TC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC
12-20-2022
1046A BELDEN-1046A Datasheet
154Kb / 2P
Inst, 36 Pr #16 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER
05-25-2023
9486 BELDEN-9486 Datasheet
193Kb / 2P
High Perform Instr, 1 Pr #18 Str TC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC
04-14-2023
9487 BELDEN-9487 Datasheet
193Kb / 2P
High Perform Instr, 1 Pr #16 Str TC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC
04-14-2023
28611A BELDEN-28611A Datasheet
158Kb / 2P
TC VN/PVC, 25 C #18 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER TC VN/PVC, 25 C #18 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER
04-14-2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com