Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAFS28/BL/10M Datasheet(PDF) 2 Page - ABB

Part # PAFS28/BL/10M
Description  STD WGT FINE BLK NYL COND NC28 10M
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

PAFS28/BL/10M Datasheet(HTML) 2 Page - ABB

  PAFS28/BL/10M Datasheet HTML 1Page - ABB PAFS28/BL/10M Datasheet HTML 2Page - ABB PAFS28/BL/10M Datasheet HTML 3Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
17 in
432 mm
Package Level 1 Height
17 in
432 mm
Package Level 1 Depth /
Length
1 piece
Package Level 2 Units
37 in
940 mm
Package Level 2 Width
17 in
432 mm
Package Level 2 Height
17 in
432 mm
Package Level 2 Depth /
Length
Additional Information
Indoors / Outdoors - Light Industrial, Buildings & Machinery
Application
Adaptaflex
Brand / Label
Black
Color
High
Flexibility
22.6 mm
Inside Diameter
Polyamide/Nylon 6
Material
28 mm
Nominal Size
0
Number of Batteries
28.5 mm
Outside Diameter
ADAPTAFLEX
Product Name
Standard Weight Conduit with Fine Pitch
Product Type
50 mm
Radius
High Fatigue Life, Self Extinguishing, Halogen Free
Special Functions
786210147390
UPC
Certificates and Declarations (Document Number)
PAFS28/BL/10M
Data Sheet, Technical
Information
9AKK107492A9618
Declaration of
Conformity - CE
PAFS28/BL/10M
Instructions and
Manuals
Classifications
EC001175 - Corrugated plastic hose
ETIM 6
EC001175 - Corrugated plastic hose
ETIM 7
39131706
UNSPSC
Product Not in WEEE Scope
WEEE Category
5535 >> Electrical conduit
IDEA Granular Category
Code (IGCC)
Low Voltage Products and Systems → Installation Products → Cable Protection, Explosion Proof and Lighting → Flexible Cable
Protection Systems
Categories
2
PAFS28/BL/10M



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com