Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS73233DBVT Datasheet(PDF) 18 Page - Texas Instruments

Part # TPS73233DBVT
Description  TPS732 Capacitor-Free, NMOS, 250mA, Low-Dropout Regulator With Reverse Current Protection
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS73233DBVT Datasheet(HTML) 18 Page - Texas Instruments

Back Button TPS73233DBVT Datasheet HTML 14Page - Texas Instruments TPS73233DBVT Datasheet HTML 15Page - Texas Instruments TPS73233DBVT Datasheet HTML 16Page - Texas Instruments TPS73233DBVT Datasheet HTML 17Page - Texas Instruments TPS73233DBVT Datasheet HTML 18Page - Texas Instruments TPS73233DBVT Datasheet HTML 19Page - Texas Instruments TPS73233DBVT Datasheet HTML 20Page - Texas Instruments TPS73233DBVT Datasheet HTML 21Page - Texas Instruments TPS73233DBVT Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 47 page
background image
This noise-reduction effect is shown as RMS Noise Voltage vs CNR (Figure 5-33) in the Typical Characteristics
section.
The TPS73201 adjustable version does not have the NR pin available. However, connecting a feedback
capacitor, CFB, from the output to the feedback pin (FB) reduces output noise and improves load transient
performance.
The TPS732 uses an internal charge pump to develop an internal supply voltage sufficient to drive the gate of
the NMOS pass transistor above VOUT. The charge pump generates approximately 250μV of switching noise
at approximately 4MHz; however, charge-pump noise contribution is negligible at the output of the regulator for
most values of IOUT and COUT.
6.3.2 Internal Current Limit
The TPS732 internal current limit helps protect the regulator during fault conditions. Foldback current limit helps
to protect the regulator from damage during output short-circuit conditions by reducing current limit when VOUT
drops below 0.5V. See Figure 5-17 in the Typical Characteristics section for a graph of IOUT vs VOUT.
From Figure 5-17 approximately –0.2V of VOUT results in a current limit of 0mA. Therefore, if OUT is forced
below –0.2V before EN goes high, the device potentially does not start up. In applications that work with both a
positive and negative voltage supply, enable the TPS732 first.
6.3.3 Enable Pin and Shutdown
The enable pin (EN) is active high and is compatible with standard TTL-CMOS levels. A VEN below 0.5V
(maximum) turns the regulator off and drops the GND pin current to approximately 10nA. When EN is used to
shut down the regulator, all charge is removed from the pass transistor gate. A VEN above 1.7V (minimum) turns
the regulator on and the output ramps back up to a regulated VOUT (see Figure 5-39).
When shutdown capability is not required, connect EN to VIN. However, the pass transistor potentially does not
discharge using this configuration, causing the pass transistor to be left on (enhanced) for a significant time
after VIN is removed. This scenario results in reverse current flow (if the IN pin is low impedance) and faster
ramp times upon power up. In addition, for VIN ramp times slower than a few milliseconds, the output potentially
overshoots upon power up.
Current limit foldback prevents device start-up under some conditions. See the Internal Current Limit section.
6.3.4 Dropout Voltage
The TPS732 uses an NMOS pass transistor to achieve extremely low dropout. When (VIN – VOUT) is less than
the dropout voltage (VDO), the NMOS pass transistor is in the linear region of operation and the input-to-output
resistance is the RDS(on) of the NMOS pass transistor.
For large step changes in load current, the TPS732 requires a larger voltage drop from VIN to VOUT to avoid
degraded transient response. The boundary of this transient dropout region is approximately twice the DC
dropout. Values of (VIN – VOUT) above this line provide normal transient response.
Operating in the transient dropout region causes an increase in recovery time. The time required to recover
from a load transient is a function of the magnitude of the change in load current rate, the rate of change in
load current, and the available headroom (VIN to VOUT voltage drop). Under worst-case conditions [full-scale
instantaneous load change with (VIN – VOUT) close to DC dropout levels], the TPS732 takes a couple of hundred
microseconds to return to the specified regulation accuracy.
TPS732
SBVS037R – AUGUST 2003 – REVISED MAY 2025
www.ti.com
18
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TPS732



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com