Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS220L Datasheet(PDF) 1 Page - Multicomp Pro

Part # SS220L
Description  Schottky Barrier Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

SS220L Datasheet(HTML) 1 Page - Multicomp Pro

  SS220L Datasheet HTML 1Page - Multicomp Pro SS220L Datasheet HTML 2Page - Multicomp Pro SS220L Datasheet HTML 3Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page <1>
V1.0
16/12/21
Schottky Barrier Rectifier
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Features
•   The plastic package carries Underwriters Laboratory 
Flammability Classification 94V-0
•  Metal silicon junction,majority carrier conduction
•  Low power loss,high efficiency
•  High forward surge current capability
•   High temperature soldering guaranteed: 
250 C/10 seconds,0.375”(9.5mm) lead length, 5 lbs. (2.3kg) tension
Maximum Ratings and Electrical Characteristics
Rating at 25°C ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. 
For capacitive load, derate current by 20%
Mechanical Data
Case 
: JEDEC SOD-123FL molded plastic body
Terminals 
:  Plated axial leads, solderable per 
MIL-STD-750,Method 2026
Polarity 
: Colour band denotes cathode end
Mounting Position  : Any
Weight 
: 0.0007 ounce, 0.02 grams
Characteristics
Symbol
MP008615
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
200
V
Maximum RMS Voltage
VRMS
140
V
Maximum DC Blocking Voltage
VDC
200
V
Maximum Average Forward Rectified Current
I(AV)
2.0
A
Peak Forward Surge Current 
8.3ms Single Half Sine-Wave 
Super Imposed On Rated Load (JEDEC Method)
IFSM
50
A
Maximum Forward  Voltage  at 2.0A DC
VF
0.85
V
Maximum DC Reverse Current        @TA=25°C 
at Rated DC Blocking Voltage          @TA=100°C
IR
0.2
mA
2
Typical junction capacitance (NOTE 1)
CJ
80
pF
Operating junction Temperature Range
TJ
-55 to + 175
°C
Storage Temperature Range
TSTG
-50 to + 150
Note:  1. Measured at 1MHz and applied reverse voltage of 4.0V D.C.  
2. The typical data above is for reference only.


Similar Part No. - SS220L

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
SS220L DYELEC-SS220L Datasheet
2Mb / 2P
Ideally Suited for Automatic Assembly
logo
Gaomi Xinghe Electronic...
SS220L GXELECTRONICS-SS220L Datasheet
446Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Guangdong Juxing Electr...
SS220L JUXING-SS220L Datasheet
1Mb / 2P
Surface Mount Low VF Schottky Rectifiers
logo
Guangdong Huixin Electr...
SS220L HUIXIN-SS220L Datasheet
162Kb / 2P
2.0Amp Surface Mounted Schottky Barrier Rectifiers
logo
Shanghai Shunye Electro...
SS220L SHUNYE-SS220L Datasheet
599Kb / 3P
LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
V2.22
More results

Similar Description - SS220L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com