Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS220L Datasheet (PDF) - Multicomp Pro

SS220L Datasheet PDF - Multicomp Pro
Part # SS220L
Download  SS220L Download
File Size   2234.7 Kbytes
Page   3 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Schottky Barrier Rectifier

SS220L Datasheet (PDF)

Go To PDF Page Download Datasheet
SS220L Datasheet PDF - Multicomp Pro

Part # SS220L
Download  SS220L Click to download

File Size   2234.7 Kbytes
Page   3 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Schottky Barrier Rectifier

SS220L Datasheet (HTML) - Multicomp Pro


SS220L Product details

Features
• The plastic package carries Underwriters Laboratory Flammability Classification 94V-0
• Metal silicon junction,majority carrier conduction
• Low power loss,high efficiency
• High forward surge current capability
• High temperature soldering guaranteed: 250 C/10 seconds,0.375”(9.5mm) lead length, 5 lbs. (2.3kg) tension

Description
Schottky Barrier Rectifier, 1A, 200V, SOD-123FL




Similar Part No. - SS220L

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
SS220L DYELEC-SS220L Datasheet
2Mb / 2P
Ideally Suited for Automatic Assembly
logo
Gaomi Xinghe Electronic...
SS220L GXELECTRONICS-SS220L Datasheet
446Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Guangdong Juxing Electr...
SS220L JUXING-SS220L Datasheet
1Mb / 2P
Surface Mount Low VF Schottky Rectifiers
logo
Guangdong Huixin Electr...
SS220L HUIXIN-SS220L Datasheet
162Kb / 2P
2.0Amp Surface Mounted Schottky Barrier Rectifiers
logo
Shanghai Shunye Electro...
SS220L SHUNYE-SS220L Datasheet
599Kb / 3P
LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
V2.22
More results


Similar Description - SS220L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com