Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STPS1545 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS1545
Description  Power Schottky rectifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS1545 Datasheet(HTML) 3 Page - STMicroelectronics

  STPS1545 Datasheet HTML 1Page - STMicroelectronics STPS1545 Datasheet HTML 2Page - STMicroelectronics STPS1545 Datasheet HTML 3Page - STMicroelectronics STPS1545 Datasheet HTML 4Page - STMicroelectronics STPS1545 Datasheet HTML 5Page - STMicroelectronics STPS1545 Datasheet HTML 6Page - STMicroelectronics STPS1545 Datasheet HTML 7Page - STMicroelectronics STPS1545 Datasheet HTML 8Page - STMicroelectronics STPS1545 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
STPS1545
Characteristics
DocID3504 Rev 7
3/13
1.1
Characteristics (curves)
Figure 1: Average forward power dissipation
versus average forward current
Figure 2: Average forward current versus ambient
temperature (δ = 0.5)
Figure 3: Normalized avalanche power derating
versus pulse duration (Tj = 125 °C)
Figure 4: Relative variation of thermal impedance
junction to case versus pulse duration
(TO-220AC, D²PAK)
Figure 5: Relative variation of thermal impedance
junction to case versus pulse duration
(TO-220FPAC)
Figure 6: Reverse leakage current versus reverse
voltage applied (typical values)
0
2
4
6
8
10
12
T
= tp/T
tp
= 0.05
= 0.1
= 0.2
= 0.5
= 1
δ
δ
δ
δ
δ
δ
PF(AV)(W)
0
2
4
6
8
10
12
14
16
18
IF(AV)(A)
0
25
50
75
100
125
150
175
T
= tp/T
tp
0
2
4
6
8
10
12
14
16
18
IF(AV)(A)
δ
Tamb(°C)
R
th(j-a)
= R
th(j-c)
R
th(j-a)
= 15 °C/W
TO-220AC
TO-220FPAC
P
(tp)
P
(10 µs)
ARM
ARM
0.001
0.01
0.1
1
1
10
100
1000
t (µs)
p
1E-4
1E-3
1E-2
1E-1
1E+0
0.0
0.2
0.4
0.6
0.8
1.0
T
= tp/T
tp
t (s )
p
= 0.2
δ
δ = 0.5
δ
δ = 0.1
Single pulse
Zth(j-c)/Rth(j-c)
1E-3
1E-2
1E-1
1E+0
1E+1
0.0
0.2
0.4
0.6
0.8
1.0
T
= tp/T
tp
t (s )
p
δ = 0.5
δ
δ = 0.1
δ = 0.2
Single pulse
Zth(j-c)/Rth(j-c)
0
5
10
15
20
25
30
35
40
45
1E+0
1E+1
1E+2
1E+3
1E+4
5E+4
T = 125°C
j
T = 150°C
j
T = 100°C
j
T = 25°C
j
T = 50°C
j
T = 75°C
j
IR(µA)
VR(V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com