Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STPS1545 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STPS1545
Description  Power Schottky rectifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS1545 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STPS1545 Datasheet HTML 5Page - STMicroelectronics STPS1545 Datasheet HTML 6Page - STMicroelectronics STPS1545 Datasheet HTML 7Page - STMicroelectronics STPS1545 Datasheet HTML 8Page - STMicroelectronics STPS1545 Datasheet HTML 9Page - STMicroelectronics STPS1545 Datasheet HTML 10Page - STMicroelectronics STPS1545 Datasheet HTML 11Page - STMicroelectronics STPS1545 Datasheet HTML 12Page - STMicroelectronics STPS1545 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Ordering information
STPS1545
12/13
DocID3504 Rev 7
3
Ordering information
Table 8: Ordering information
Order code
Marking
Package
Weight
Base qty.
Delivery mode
STPS1545D
STPS1545D
TO-220AC
1.86g
50
Tube
STPS1545FP
STPS1545FP
TO-220FPAC
1.9g
50
Tube
STPS1545G-TR
STPS1545G
D2PAK
1.38g
1000
Tape and reel
4
Revision history
Table 9: Document revision history
Date
Revision
Changes
Jul-2003
5F
Last release.
21-Mar-2007
6
Removed ISOWATT and TO-220FPAB packages.
17-Oct-2016
7
Removed I2PAK package.
Updated cover page.
Updated Section 1: "Characteristics" and Section 1.1:
"Characteristics (curves)".
Updated Section 2.3: "D2PAK package information".
Updated Section 3: "Ordering information".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com