Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASH5KW Datasheet(PDF) 2 Page - Abracon Corporation

Part # ASH5KW
Description  Low Power 32.768 kHz Crystal Oscillator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASH5KW Datasheet(HTML) 2 Page - Abracon Corporation

  ASH5KW Datasheet HTML 1Page - Abracon Corporation ASH5KW Datasheet HTML 2Page - Abracon Corporation ASH5KW Datasheet HTML 3Page - Abracon Corporation ASH5KW Datasheet HTML 4Page - Abracon Corporation ASH5KW Datasheet HTML 5Page - Abracon Corporation ASH5KW Datasheet HTML 6Page - Abracon Corporation ASH5KW Datasheet HTML 7Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ASH5KW Series
Low Power 32.768 kHz Crystal Oscillator
Revision: Initial Release
Released 4/8/2025
Page 2
Disclaimer
lign
Check Inventory
Request Samples
lign
Request Samples
ASH5KW-32.768kHz-
-
Parameters
Description
MSL
1
REACH/RoHS II
Compliant, No Exemptions
Shock resistance
5000 g, 0.3 ms, ½ sine (±5 ppm)
Vibration resistance
20 g / 10-2,000 Hz (±5 ppm)
Termination Finish
Gold (0.5 µm) over Nickel (5 µm)
Parameters
Conditions
Min
Max
Unit
Supply Voltage
-0.5
+6.0
V
Input Voltage
-0.5
+6.0
V
Output Voltage
-0.5
+6.0
V
Electrostatic Discharge Voltage
Human Body Model
(EIAJ ED-4701)
-1000
+1000
V
Charged Device Model
(EIAJ ED-4701)
-1000
+1000
V
Machine Model
(EIAJ ED-4701)
-200
+200
V
Packaging
Blank: Bulk
T: 1,000 pcs/reel
T3: 3,000 pcs/reel
Operating Temp.
L:-40°C ~ +85°C
Part Identification
Environmental Parameters
Absolute Maximum Ratings



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com