Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASH5KW Datasheet (PDF) - Abracon Corporation

ASH5KW Datasheet PDF - Abracon Corporation
Part # ASH5KW
Download  ASH5KW Download
File Size   594.7 Kbytes
Page   7 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description Low Power 32.768 kHz Crystal Oscillator

ASH5KW Datasheet (PDF)

Go To PDF Page Download Datasheet
ASH5KW Datasheet PDF - Abracon Corporation

Part # ASH5KW
Download  ASH5KW Click to download

File Size   594.7 Kbytes
Page   7 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description Low Power 32.768 kHz Crystal Oscillator

ASH5KW Datasheet (HTML) - Abracon Corporation


ASH5KW Product details

Features
▪ Wide supply voltage range: 1.6V ~ 5.5V
▪ Miniature package: 1.6 mm x 1.0 mm x 0.6 mm
▪ Low current consumption
▪ CMOS output with Tri-state function
▪ Hermetically sealed ceramic package with metal lid
▪ Suitable for RoHS compliant reflow process




Similar Part No. - ASH5KW

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
ASH5-12 PAIRUI-ASH5-12 Datasheet
616Kb / 5P
AC-DC CONVERTER
ASH5-15 PAIRUI-ASH5-15 Datasheet
616Kb / 5P
AC-DC CONVERTER
ASH5-24 PAIRUI-ASH5-24 Datasheet
616Kb / 5P
AC-DC CONVERTER
ASH5-3 PAIRUI-ASH5-3 Datasheet
616Kb / 5P
AC-DC CONVERTER
ASH5-5 PAIRUI-ASH5-5 Datasheet
616Kb / 5P
AC-DC CONVERTER
More results


Similar Description - ASH5KW

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM1564 EMMICRO-EM1564 Datasheet
209Kb / 4P
Low Power Crystal Oscillator 32.768 kHz
EM7604 EMMICRO-EM7604 Datasheet
245Kb / 4P
Low Power Crystal Oscillator 32.768 kHz
logo
MICORO CRYSTAL SWITZERL...
OV-7604-C7 MICROCRYSTAL-OV-7604-C7 Datasheet
279Kb / 2P
Low Power Clock Oscillator 32.768 kHz
logo
Epson ToYoCom
SG-3030LC EPSONTOYOCOM-SG-3030LC_10 Datasheet
215Kb / 1P
CRYSTAL OSCILLATOR 32.768 kHz
logo
Silicon Laboratories
AN299 SILABS-AN299 Datasheet
1Mb / 4P
EXTERNAL 32.768 KHZ CRYSTAL OSCILLATOR
logo
MICORO CRYSTAL SWITZERL...
OV-7605-C8 MICROCRYSTAL-OV-7605-C8 Datasheet
311Kb / 2P
Low Power Clock Oscillator 32.768 kHz
OM-7605-C8 MICROCRYSTAL-OM-7605-C8 Datasheet
384Kb / 2P
Low Power Clock Oscillator 32.768 kHz
OM-7604-C7 MICROCRYSTAL-OM-7604-C7_17 Datasheet
977Kb / 2P
Low Power Clock Oscillator 32.768 kHz
OV-7604-C7 MICROCRYSTAL-OV-7604-C7_17 Datasheet
1,007Kb / 2P
Low Power Clock Oscillator 32.768 kHz
OM-7605-C9 MICROCRYSTAL-OM-7605-C9 Datasheet
1Mb / 2P
Low Power Clock Oscillator 32.768 kHz
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com