| Electronic Components Datasheet Search |
|
301201 Datasheet(PDF) 4 Page - TE Connectivity Ltd |
|
|
|||||||||||||||||||||||||||||
301201 Datasheet(HTML) 4 Page - TE Connectivity Ltd |
|
4 / 6 page ![]() 408-1535 4 of 6 Rev S 4. Perform a test crimp as described in Section 3, Step 6. Remove the crimped terminal or splice and check the insulation support. Bend the wire back and forth once. The insulation barrel sleeve should retain grip on the wire insulation. If the wire pulls out, move the insulation crimping adjustment pins to the next tighter position (Position 2) and proceed to Step 5. If the wire does not pull out, the pins are properly adjusted and the tool is ready for crimping. 5. Perform another test crimp as described in Step 4. Adjust pins, as necessary, until the desired insulation grip is obtained. Do not use a tighter setting than is required. The insulation crimping adjustment pins must be located in the same adjustment position. 5. MAINTENANCE AND INSPECTION PROCEDURE It is recommended that a maintenance and inspection program be performed periodically to ensure dependable and uniform terminations. Frequency of inspection should be adjusted to suit your requirements through experience and depends on: 1. The care, amount of use, and handling of the hand tool. 2. The presence of abnormal amounts of dust and dirt. 3. The degree of operator skill. 4. Your own established standards. The hand tool is inspected and calibrated before being shipped; however, it is recommended that the tool be inspected immediately upon arrival to ensure that the tool has not been damaged during shipment. 5.1. Daily Maintenance 1. The hand tool should be immersed (handles partially closed) in a reliable commercial degreasing compound to remove accumulated dirt, grease, and foreign matter. When degreasing compound is not available, tool may be wiped clean with a soft, lint- free cloth. Do NOT use hard or abrasive objects that could damage the tool. 2. Make certain that the retaining pins are in place and that they are secured with retaining rings. 3. All pins, pivot points, and bearing surfaces should be protected with a thin coat of any good SAE 20 motor oil. Do not oil excessively. 4. When the tool is not in use, keep handles closed to prevent objects from becoming lodged in the crimping jaws. Store the tool in a clean, dry area. 5.2. Lubrication Lubricate all pins, pivot points, and bearing surfaces with SAE 20 motor oil as follows: • Tool used in daily production-lubricate daily • Tool used daily (occasional)-lubricate weekly • Tool used weekly-lubricate monthly Wipe excess oil from tool, particularly from crimping area. Oil transferred from the crimping area onto certain terminations may affect the electrical characteristics of an application. 5.3. Visual Inspection 1. Close tool handles until ratchet releases and then allow them to open freely. If they do not open quickly and fully, the spring is defective and must be replaced. See Section 6, REPLACEMENT AND REPAIR. 2. nspect head assembly for worn, cracked, or broken jaws. If damage is evident, return the tool for evaluation and repair. Refer to Section 6, REPLACEMENT AND REPAIR. 5.4. Gaging the Crimping Chamber This inspection requires the use of plug gages conforming to the dimensions provided in Figure 7. TE does not manufacture or market these gages. To gage the crimping chamber, proceed as follows: 1. Remove traces of oil or dirt from the crimping chamber and plug gages. 2. Remove locator assembly. DO NOT lose spring in locator assembly. 3. Close the tool handles until the crimping jaws have bottomed. Do NOT force jaws beyond initial contact. 4. Align the GO element with the wire barrel section of the crimping chamber. Push element straight into the crimping chamber without using force. The GO element must pass completely through the crimping chamber. See Figure 8. 5. Align the NO-GO element and try to insert it straight into the same section of the crimping chamber. The NO-GO element may start entry, but must not pass completely through the crimping chamber. See Figure 8. 6. Re-install locator assembly. 7. Insert tool insulation crimping adjustment pins into Position 1. 8. With crimping jaws bottomed, check the insulation barrel section of the crimping chamber as described in Steps 4 and 5. NOTE i CAUTION ! |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |