| Electronic Components Datasheet Search |
|
301201 Datasheet(PDF) 3 Page - TE Connectivity Ltd |
|
|
|||||||||||||||||||||||||||||
301201 Datasheet(HTML) 3 Page - TE Connectivity Ltd |
|
3 / 6 page ![]() 408-1535 3 of 6 Rev S The wire barrel sleeve on high-temperature terminals and splices is color coded orange. Heat- resistant terminals and splices are not color coded. Refer to Figure 5] Figure 5 6. Hold wire in place and close the tool handles FULLY to crimp the terminal or splice. Allow tool handles to open FULLY. Remove the crimped terminal or splice from the crimping jaws. 7. To crimp the other half of the splice, reposition the uncrimped sleeve in the crimping jaws as described in Step 3. Follow Steps 4 through 6 to complete the crimp. If the splice cannot be turned around to position the uncrimped sleeve in the crimping jaws, turn the tool around. 8. Inspect the crimp. Refer to Figure 6 for a properly crimped terminal and splice. Check the insulation grip on the crimped terminal or splice. Refer to Section 4, INSULATION CRIMPING ADJUSTMENT. The hashmark code on the bottom of the wire barrel sleeve created by the tool should match the hashmark code referenced with the appropriate tool. See Figure 6. 4. INSULATION CRIMPING ADJUSTMENT The hand tool has three insulation crimping adjustment positions to adjust the wire insulation grip: 1-Tight, 2-Medium, and 3-Loose. To obtain the desired insulation grip, proceed as follows: 1. Insert insulation crimping adjustment pins into Position 3 as shown in Figure 1. 2. Position terminal or splice in crimping jaws as described in Section 3, Step 3. 3. Insert an UNSTRIPPED wire into only the insulation barrel sleeve of the terminal or splice. Figure 6 NOTE i Wire Barrel Sleeve Insulation Barrel Sleeve Wire Barrel Sleeve Insulation Barrel Sleeve Terminal Splice NOTE i NOTE i No Wire Conductor Strands Protruding Tool 46673 and 46673-1 1 Hashmark Tool 46988 2 Hashmarks 1 Hashmark on Bottom of Terminal 2 Hashmarks on Bottom of Splice Crimp Centered on Wire Barrel Sleeve |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |