Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSB951ILT Datasheet(PDF) 37 Page - STMicroelectronics

Part # TSB951ILT
Description  High bandwidth (52 MHz), rail-to-rail output, 36 V op amp
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB951ILT Datasheet(HTML) 37 Page - STMicroelectronics

Back Button TSB951ILT Datasheet HTML 30Page - STMicroelectronics TSB951ILT Datasheet HTML 31Page - STMicroelectronics TSB951ILT Datasheet HTML 32Page - STMicroelectronics TSB951ILT Datasheet HTML 33Page - STMicroelectronics TSB951ILT Datasheet HTML 34Page - STMicroelectronics TSB951ILT Datasheet HTML 35Page - STMicroelectronics TSB951ILT Datasheet HTML 36Page - STMicroelectronics TSB951ILT Datasheet HTML 37Page - STMicroelectronics TSB951ILT Datasheet HTML 38Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 37 / 38 page
background image
Figure 50.
Maximum output current for safe operation on SO8 package ................................... 22
Figure 51.
Maximum output current for safe operation on DFN8 package .................................. 23
Figure 52.
Test configuration for RISO ........................................................... 23
Figure 53.
Inverting amplifier configuration with parasitic input capacitances ................................ 24
Figure 54.
Settling time measurement configuration ................................................. 25
Figure 55.
Low-side current sensing schematic .................................................... 26
Figure 56.
SOT23-5 package outline ........................................................... 28
Figure 57.
SO8 package outline ............................................................... 29
Figure 58.
DFN8 3x3 exposed pad, wettable flank package outline and mechanical data........................ 30
Figure 59.
DFN8 3x3 exposed pad, wettable flank footprint data......................................... 31
TSB951, TSB952
List of figures
DS14576 - Rev 3
page 37/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com