Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSB951ILT Datasheet(PDF) 20 Page - STMicroelectronics

Part # TSB951ILT
Description  High bandwidth (52 MHz), rail-to-rail output, 36 V op amp
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB951ILT Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TSB951ILT Datasheet HTML 16Page - STMicroelectronics TSB951ILT Datasheet HTML 17Page - STMicroelectronics TSB951ILT Datasheet HTML 18Page - STMicroelectronics TSB951ILT Datasheet HTML 19Page - STMicroelectronics TSB951ILT Datasheet HTML 20Page - STMicroelectronics TSB951ILT Datasheet HTML 21Page - STMicroelectronics TSB951ILT Datasheet HTML 22Page - STMicroelectronics TSB951ILT Datasheet HTML 23Page - STMicroelectronics TSB951ILT Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
5.6
Maximum power dissipation
The maximum power supply voltage, as well as the usable output load current drive is limited by the maximum
power dissipation allowed by the device package. The absolute maximum junction temperature for the TSB951
and TSB952 is 150 °C. The junction temperature can be estimated as follows:
TJ=PD×RtℎJA+TA
(3)
TJ is the die junction temperature.
PD is the power dissipated in the package.
RthJA is the junction to ambient thermal resistance of the package.
TA is the ambient temperature.
The RthJA, given in table x for the available packages, is based on the JEDEC standard JESD51, for 2s2p (4
layers) board. This value has a large dependance on the board layout and is given as a guideline. Be aware that
the actual value can differ significantly and optimize the power dissipation on your board if this is critical for your
design. For thermally sensitive designs, prefer the SO8 version of the product for TSB951 and the DFN8 version
of the product for TSB952 that has a better thermal dissipation thanks to its exposed pad.
The power dissipated in the package PD is the sum of the quiescent power dissipated and the power dissipated
by the output stage transistor. It is calculated as follows:
PD= VCC×ICC + Vcc++VOUT ×ILoadwhentheopampissourcingthecurrent.
PD= VCC×ICC + VOUT+VCC− ×ILoadwhentheopampissinkingthecurrent.
Do not exceed the 150 °C maximum junction temperature for the device. Exceeding the junction temperature limit
can cause degradation in the parametric performance or even destroy the device.
For TSB951, the SOT23-5 package cannot be used at VCC = 36 V and at 125 °C ambient temperature. Due to the
Rth-ja value, the maximum junction temperature would be reached. The following figure shows the maximum VCC
for a given ambient temperature, considering only the device maximum ICC (output current should also be
considered).
Figure 46. Maximum VCC for safe operation using SOT23-5 package
There is no limitation to use TSB951 with SO8 package at VCC = 36 V and at 125 °C ambient temperature.
For TSB951, considering the ouput current limitation, the below figures give the maximum output current for a
given output voltage and temperature, at VCC = 36 V, for SOT23-5 and SO8 package.
TSB951, TSB952
Application information
DS14576 - Rev 3
page 20/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com