Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REF5045 Datasheet(PDF) 38 Page - Texas Instruments

Part # REF5045
Description  ADS8881x 18-Bit, 1-MSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF5045 Datasheet(HTML) 38 Page - Texas Instruments

Back Button REF5045 Datasheet HTML 34Page - Texas Instruments REF5045 Datasheet HTML 35Page - Texas Instruments REF5045 Datasheet HTML 36Page - Texas Instruments REF5045 Datasheet HTML 37Page - Texas Instruments REF5045 Datasheet HTML 38Page - Texas Instruments REF5045 Datasheet HTML 39Page - Texas Instruments REF5045 Datasheet HTML 40Page - Texas Instruments REF5045 Datasheet HTML 41Page - Texas Instruments REF5045 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 62 page
background image
AVDD
OPA+
OPA+
OPA+
OPA+
VCM
22
2.2 nF
0.2
10 µF
1 k
1 µF
+
-
+
THS4281
1 k
1 µF
+
-
+
OPA333
20 k
1 µF
VIN+
VIN-
-
+
+
OPA320
-
+
+
OPA320
V
+
AINP
AINM
REF
GND
AVDD
CONVST
CONVST
Device
22
Input Driver
Reference Drive Circuit
SAR ADC
OPA+
REF5045
(See Reference Datasheet
for Detailed Pin Configuration)
38
ADS8881
SBAS547D – MAY 2013 – REVISED AUGUST 2015
www.ti.com
Product Folder Links: ADS8881
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
11.2.2 Low-Power DAQ Circuit for Excellent Dynamic Performance at 1 MSPS
Figure 67. DAQ Circuit for Lowest Power and Excellent Dynamic Performance at 1 MSPS
11.2.2.1 Design Requirements
Design an application circuit optimized for using the ADS8881 to achieve
•
ENOB > 17 bits and
•
< 35 mW of total power consumption and
•
maximum specified throughput of 1 MSPS
11.2.2.2 Detailed Design Procedure
The application circuit in Figure 67 shows the schematic of a complete reference driver circuit that generates a
voltage of 4.5 V dc using a single 5-V supply. This circuit is suitable to drive the reference of the ADS8881 at
higher sampling rates up to 1 MSPS. The reference voltage of 4.5 V in this design is generated by the high-
precision, low-noise REF5045 circuit. The output broadband noise of the reference is heavily filtered by a low-
pass filter with a 3-dB cutoff frequency of 160 Hz.
The reference buffer is designed with the THS4281 and OPA333 in a composite architecture to achieve superior
dc and ac performance at a reduced power consumption, compared to using a single high-performance amplifier.
The THS4281 is a high-bandwidth amplifier with a very low output impedance of 1 Ω at a frequency of 1 MHz.
The low output impedance makes the THS4281 a good choice for driving a high capacitive load to regulate the
voltage at the reference input of the ADC. The high offset and drift specifications of the THS4281 are corrected
by using a dc-correcting amplifier (OPA333) inside the feedback loop. The composite scheme inherits the
extremely low offset and temperature drift specifications of the OPA333.
In such applications, the input driver must be low in power and noise as well as able to support rail-to-rail input
and output swing with a single supply. A high amplifier bandwidth is also preferred to help attenuate high-
frequency distortion. However, oftentimes bandwidth and noise are traded off with the power consumption of the
amplifier. This circuit uses the OPA320 as the front-end driving amplifier because this device has a relatively low
noise density of 7 nV/
√Hz for a maximum-specified quiescent current of 1.45 mA per channel.
The noise contribution from the front-end amplifier is band-limited by the 3-dB bandwidth of the RC filter and is
designed to be 1.65 MHz in this application. Again, the component values of the antialiasing filter are carefully
selected to maintain the stability of the input driving amplifiers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com