Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REF5045 Datasheet(PDF) 21 Page - Texas Instruments

Part # REF5045
Description  ADS8881x 18-Bit, 1-MSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF5045 Datasheet(HTML) 21 Page - Texas Instruments

Back Button REF5045 Datasheet HTML 17Page - Texas Instruments REF5045 Datasheet HTML 18Page - Texas Instruments REF5045 Datasheet HTML 19Page - Texas Instruments REF5045 Datasheet HTML 20Page - Texas Instruments REF5045 Datasheet HTML 21Page - Texas Instruments REF5045 Datasheet HTML 22Page - Texas Instruments REF5045 Datasheet HTML 23Page - Texas Instruments REF5045 Datasheet HTML 24Page - Texas Instruments REF5045 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 62 page
background image
SAR
ADC
SPI
AINP
AINN
GND
AVDD
DVDD
REF
DOUT
SCLK
CONVST
DIN
Sample
and
Hold
REF
GND
AGND
REFM
DGND
ADC
21
ADS8881
www.ti.com
SBAS547D – MAY 2013 – REVISED AUGUST 2015
Product Folder Links: ADS8881
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
10 Detailed Description
10.1 Overview
The ADS8881 is a high-speed, successive approximation register (SAR), analog-to-digital converter (ADC) from
a 16- and 18-bit device family. This compact device features high performance. Power consumption is inherently
low and scales linearly with sampling speed. The architecture is based on charge redistribution that inherently
includes a sample-and-hold (S/H) function.
The ADS8881 supports a true-differential analog input across two pins (INP and INN). When a conversion is
initiated, the differential input on these pins is sampled on the internal capacitor array. While a conversion is in
progress, both the INP and INN inputs are disconnected from the internal circuit.
The ADS8881 uses an internal clock to perform conversions. The device reconnects the sampling capacitors to
the INP and INN pins after conversion and then enters an acquisition phase. During the acquisition phase, the
device is powered down and the conversion result can be read.
The device digital output is available in SPI-compatible format, thus making interfacing with microprocessors,
digital signal processors (DSPs), or field-programmable gate arrays (FPGAs) easy.
10.2 Functional Block Diagram
Figure 45 shows the detailed functional block diagram for the device.
Figure 45. Detailed Block Diagram
10.3 Feature Description
10.3.1 Analog Input
As shown in Figure 45, the device features a differential analog input. Both positive and negative inputs are
individually sampled on 55-pF sampling capacitors and the device converts for the voltage difference between
the two sampled values: VINP – VINN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com