| Electronic Components Datasheet Search |
|
PFS7539L/H Datasheet(PDF) 12 Page - Power Integrations, Inc. |
|
|
|||||||||||||||||||||||||||||
PFS7539L/H Datasheet(HTML) 12 Page - Power Integrations, Inc. |
|
12 / 37 page ![]() Rev. D 04/25 12 PFS7523-7529/7533-7539 www.power.com Application Example 1 A High Efficiency, 275 W, 385 VDC Universal Input PFC The circuit shown in Figure 13 is designed using a device from the HiperPFS- 3 family of integrated PFC controllers. This design is rated for a continuous output power of 275 W and provides a regulated output voltage of 385 VDC nominal, maintaining a high input power factor and overall efficiency from light load to full load. Fuse F1 provides protection to the circuit and isolates it from the AC supply in the event of a fault. Diode bridge BR1 rectifies the AC input voltage. Capacitors C1-C7 together with inductors L2 and L3 form the EMI filter which reduces the common mode and differential mode noise. Resistors R1, R2 and CAPZero, IC U2 are required to discharge the EMI filter capacitors once the circuit is disconnected. CAPZero eliminates static losses in R1 and R2 by only connecting these components across the input when AC is removed. Metal oxide varistor (MOV) RV1 protects the circuit during line surge events by effectively clamping the input voltage seen by the power supply. The boost converter stage consists of inductor L1, and the Hiper- PFS-3 IC U1. This stage functions as a boost converter and controls the input current of the power supply while simultaneously regulating the output DC voltage. Diode D2 prevents a resonant buildup of output voltage at start-up by bypassing inductor L1 while simultane- ously charging output capacitor C17. Thermistor RT1 limits the inrush input current of the circuit at start-up and prevents saturation of L1. In most high-performance designs, a relay will be used to bypass the thermistor after start-up to improve power supply efficiency. Thermistor RT1 is bypassed by the electro-mechanical relay RL1 after the output voltage is in regulation and a power-good signal from U1 is asserted low. Resistor R3, R4, and Q1 drive relay RL1 and optocoupler U3. Diode D1 clamps the relay coil reverse voltage during de-assertion transitions. Resistor R5 limits the current to the diode in the optocoupler. IC U3 provides optocoupler isolation through connector J2 for a power-good output signal if required. Capacitor C15 is used for reducing the loop length and area of the output circuit to reduce EMI and overshoot of voltage across the drain and source of the MOSFET inside U1 at each switching edge. The PFS7527H IC requires a regulated supply of 12 V for operation and must not exceed 15 V. Resistors R6, R7, R8, Zener diode VR1, and transistor Q2 form a series pass regulator that prevents the supply voltage to IC U1 from exceeding 15 V. Capacitors C8, and C9 filter the supply voltage and provide bypassing and decoupling to ensure reliable operation of IC U1. Diode D3 provides reverse polarity protection. Resistor R15 programs the output voltage level [via the power good threshold (PGT) pin] below which the power good [PG] pin will go into a high-impedance state. Capacitor C14 provides noise immunity on the POWER GOOD THRESHOLD pin. IC U1 is configured in full power mode by capacitor C10 which is connected to the REFERENCE pin. The rectified AC input voltage of the power supply is sensed by IC U1 using resistors R10-R13. These resistors values are large to minimize power consumption. Capacitor C11 connected in parallel with the bottom resistor R13 filters noise coupled into the VOLTAGE MONITOR pin. Output voltage divider network comprising of resistors R16 – R19 are used to scale the output voltage and provide feedback to the IC. Capacitor C16 in parallel with resistor R19 attenuates high frequency noise. R14, C12 and C13 are required for shaping the loop response of the feedback network. L1 400 µH VO J3-1 J2-2 J4-1 J4-2 RL1 J2-1 DC OUT + VO J3-3 S C PGT FB VCC PG K D REF G V CONTROL HiperPFS-3 U1 PFS7527H PI-7257-061615 N Power Good 90 - 264 VAC E L R1 510 kΩ R6 1 Ω 1% R3 10 kΩ 1% R4 16.2 kΩ 1% R5 3.01 kΩ 1% D1 S1AB-13-F C8 47 µF 50 V C7 680 nF 450 V C9 1 µF 35 V C10 1 µF 50 V R14 30.1 kΩ 1% R15 332 kΩ 1% C11 470 pF 50 V Q1 MMBT4403 3 4 2 1 U3 LTV817A Q2 MMBT4401LT1G R7 1 Ω 1% R8 2.21 kΩ 1% R2 510 kΩ C2 680 pF 250 VAC BR1 GBU8K-BP 800 V L2 9 mH C4 330 nF 275 V C6 680 pF 250 VAC C5 680 pF 250 VAC C1 680 pF 250 VAC F1 5 A RV1 320 VAC VCC Supply C3 330 nF 275 VAC RT1 2.5 Ω D1 CAPZero U2 CAP003DG D2 L3 330 µH + + C14 1 nF 50 V C17 180 µF 450 V R19 162 kΩ 1% R16 3.74 MΩ 1% R10 6.2 MΩ 1% R11 6.2 MΩ 1% R12 3.74 MΩ 1% R13 162 kΩ 1% R17 6.2 MΩ 1% R18 6.2 MΩ 1% C15 10 nF 1 kV C13 1 µF 50 V D2 1N5408-T C12 100 nF 25 V C16 470 pF 50 V tO Figure 13. 275 W PFC using PFS7527H. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |