| Electronic Components Datasheet Search |
|
PFS7539L/H Datasheet(PDF) 5 Page - Power Integrations, Inc. |
|
|
|||||||||||||||||||||||||||||
PFS7539L/H Datasheet(HTML) 5 Page - Power Integrations, Inc. |
|
5 / 37 page ![]() Rev. D 04/25 5 PFS7523-7529/7533-7539 www.power.com Figure 5. Idealized Converter Waveforms. This control produces a continuous mode power switch current waveform that varies both in frequency and peak current value across a line half-cycle to produce an input current proportional to the input voltage. Control Engine The controller features a low bandwidth, high gain OTA error-amplifi- er of which its non-inverting terminal is connected to an internal voltage reference of 3.85 V. The inverting terminal of the error-am- plifier is available on the external FEEDBACK pin which connects to the output voltage divider network with a divider ratio of 1:100 to regulate the output voltage to 385 V nominally. The FEEDBACK pin connects directly to the divider network for fast transient load response. The internally sensed FET switch current is scaled by the input voltage peak detector current sense gain (M ON) then integrated and compared with the error-amplifier signal (V E) to determine the cycle on-time. Internally the difference between the input and output voltage is derived and the resultant is scaled, integrated, and compared to a voltage reference (V OFF) to determine the cycle off-time. Careful selection of the internal scaling factors produces input current waveforms with very low distortion and high power factor. Line Feed-Forward Scaling Factor (M ON) and PF Enhancer The VOLTAGE MONITOR (V) pin voltage is sampled and converted by a Δ-Σ ADC to a quantized digital value. A digital line cycle peak detec- tor, with dynamic time constants and multi-cycle filtering, derives and smooths the peak of the input line voltage. This peak is used internally to scale the gain of the current sense signal through the M ON variable. This contribution is required to reduce the dynamic range of the control feedback signal as well as flatten the loop gain over the operating input line range. The line-sense feed-forward gain adjustment is proportional to the square of the peak rectified AC line voltage and is adjusted as a function of the VOLTAGE MONITOR pin voltage. At high-line and light load, the feed-forward M ON variable is dynami- cally adjusted throughout the line cycle in order to compensate for the line current distortion through the EMI filter and full bridge network, thereby improving power factor. The line-sense feed-forward gain is also important in providing a switch power limit over the input line range. This characteristic is optimized to maintain a relatively constant internal error-voltage level at full load from an input line of 90 to 230 VAC. Beyond the specified peak power rating of the device, the internal power limit feature will regulate the output voltage below the set regulation threshold as a function of output overload to maintain a constant output power. Figure 6 illustrates the typical regulation characteristic as a function of load. Below the brown-in threshold (V BR+) the power limit is reduced when the device is operated in the ‘Full’ power mode as shown in Figure 7. As the input line voltage is reduced toward the brown-out threshold (V BR-) and if the load exceeds the power limit derating, the boost output voltage will drop out of regulation in accordance with Figure 6. The rated peak power shown in Table 1 is not derated for voltages below the brown-in threshold when the device is operated in the ‘Efficiency’ mode. Start-Up with Pin-to-Pin Short-Circuit Protection At start-up, the engine performs a sequence of operational checks and pin short/open evaluations, as illustrated in Figure 8, prior to the commencement of switching. When the input voltage peak is above brown-in, the engine enables switching. The OTA error amplifier provides a non-linear amplifier (NLA) mechanism to overcome the inherently slow feedback loop response when the sensed output voltage on the FEEDBACK pin is outside its regulation window. This allows the error amplifier function to limit the maximum overshoot and undershoot during load transient events. To reduce switch and output diode current stress at start-up, the HiperPFS-3 calculates off-time based upon output voltage (V OUT) during start-up, resulting in a relatively soft controlled start-up. Once the applied VCC is above the VCC UVLO+ threshold, and the output of the on-chip V REF regulator is above REFUV+, the value of the REFERENCE pin capacitor is detected and the full or efficiency power mode is latched. The pin open/short tests are performed, and if the FEEDBACK pin voltage is valid the over-temperature OTP is checked to be false. Once the preceding checks are satisfied the input voltage is monitored via the VOLTAGE MONITOR pin until it exceeds the V BR+ threshold [but the peak detector is not saturated]. It is at this point that switching is enabled. Timing Supervisor and Operating Frequency Range Since the controller is expected to operate with a variable switching frequency over the line frequency half-cycle, typically spanning a range of 22 – 123 kHz when operating in CCM, the controller also features a timing supervisor function which monitors and limits the maximum switch on-time and off-time as well as ensures a minimum cycle on-time. Figure 9(a) shows the typical half-line frequency profile of the device switching frequency as a function of input voltage at peak load conditions. Figure 9(b) shows for a given line condition of 115 VAC, the effect of EcoSmart™ on the switching frequency as a function of load. The switching frequency is not a function of boost choke inductance in CCM (continuous conduction mode) operation. IS dt VE VOFF (VOUT-VIN)dt Latch RESET Latch SET Gate Drive (Q) Maximum ON-time Minimum OFF-time Timing Supervisor |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |