Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LNK3207P/G/D Datasheet(PDF) 21 Page - Power Integrations, Inc.

Part # LNK3207P/G/D
Description  Highly Energy Efficient Off-line Switcher IC with Integrated System Level
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK3207P/G/D Datasheet(HTML) 21 Page - Power Integrations, Inc.

Back Button LNK3207P/G/D Datasheet HTML 17Page - Power Integrations, Inc. LNK3207P/G/D Datasheet HTML 18Page - Power Integrations, Inc. LNK3207P/G/D Datasheet HTML 19Page - Power Integrations, Inc. LNK3207P/G/D Datasheet HTML 20Page - Power Integrations, Inc. LNK3207P/G/D Datasheet HTML 21Page - Power Integrations, Inc. LNK3207P/G/D Datasheet HTML 22Page - Power Integrations, Inc. LNK3207P/G/D Datasheet HTML 23Page - Power Integrations, Inc. LNK3207P/G/D Datasheet HTML 24Page - Power Integrations, Inc. LNK3207P/G/D Datasheet HTML 25Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Rev. Q 06/23
21
LinkSwitch-TN2
www.power.com
Notes:
1. Package dimensions conform to JEDEC specification MS-001-AB (Issue B 7/85) for standard dual-in-line (DIP) package with .300 inch row spacing.
2. Controlling dimensions are inches. Millimeter sizes are shown in parentheses.
3. Dimensions shown do not include mold flash or other protrusions. Mold flash or protrusions shall not exceed .006 (.15) on any side.
4. Pin locations start with Pin 1, and continue counter-clock-wise to Pin 8 when viewed from the top. The notch and/or dimple are aids in locating Pin 1.
Pin 3 is omitted.
5. Minimum metal to metal spacing at the package body for the omitted lead location is .137 inch (3.48 mm).
6. Lead width measured at package body.
7. Lead spacing measured with the leads constrained to be perpendicular to plane T.
P08C
PI-3933b-092920
.008 (.20)
.015 (.38)
.300 (7.62) BSC
(NOTE 7)
.300 (7.62)
.390 (9.91)
.356 (9.05)
.387 (9.83)
.240 (6.10)
.260 (6.60)
.125 (3.18)
.145 (3.68)
.057 (1.45)
.068 (1.73)
.118 (3.00)
.140 (3.56)
.015 (.38)
MINIMUM
.048 (1.22)
.068 (1.73)
.100 (2.54) BSC
.014 (.36)
.022 (.56)
-E-
Pin 1
SEATING
PLANE
-D-
-T-
D S .004 (.10)
⊕
T E D S .010 (.25) M
⊕
(NOTE 6)
.137 (3.48)
MINIMUM
PDIP-8C (P Package)
.30 in
[7.62 mm]
.30 in
[7.62 mm]
0.200 in
[5.08 mm]
∅
.03 in
[0.86 mm]
.06 in
[1.41 mm]
.10 in
[2.54 mm] Typ
∅
.06 in
[1.41 mm]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com