Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LNK3207P/G/D Datasheet(PDF) 13 Page - Power Integrations, Inc.

Part # LNK3207P/G/D
Description  Highly Energy Efficient Off-line Switcher IC with Integrated System Level
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK3207P/G/D Datasheet(HTML) 13 Page - Power Integrations, Inc.

Back Button LNK3207P/G/D Datasheet HTML 9Page - Power Integrations, Inc. LNK3207P/G/D Datasheet HTML 10Page - Power Integrations, Inc. LNK3207P/G/D Datasheet HTML 11Page - Power Integrations, Inc. LNK3207P/G/D Datasheet HTML 12Page - Power Integrations, Inc. LNK3207P/G/D Datasheet HTML 13Page - Power Integrations, Inc. LNK3207P/G/D Datasheet HTML 14Page - Power Integrations, Inc. LNK3207P/G/D Datasheet HTML 15Page - Power Integrations, Inc. LNK3207P/G/D Datasheet HTML 16Page - Power Integrations, Inc. LNK3207P/G/D Datasheet HTML 17Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Rev. Q 06/23
13
LinkSwitch-TN2
www.power.com
Parameter
Symbol
Conditions
SOURCE = 0 V; T
J = -40 to 125 °C
See Figure 10
(Unless Otherwise Specified)
Min
Typ
Max
Units
Circuit Protection (cont.)
Reduced Current Limit
(CBP = 1 μF,
See Note D, H)
I
LIMIT(RED)
di/dt = 28 mA/μs
T
J = 25 °C
LNK3202
70
80
90
mA
di/dt = 170 mA/μs
T
J = 25 °C
104
119
134
di/dt = 65 mA/μs
T
J = 25 °C
LNK3204
180
205
230
di/dt = 415 mA/μs
T
J = 25 °C
227
258
289
di/dt = 75 mA/μs
T
J = 25 °C
LNK3205
227
259
291
di/dt = 500 mA/μs
T
J = 25 °C
292
332
372
di/dt = 95 mA/μs
T
J = 25 °C
LNK3206
325
370
415
di/dt = 610 mA/μs
T
J = 25 °C
408
464
520
di/dt = 95 mA/μs
T
J = 25 °C
LNK3207
545
620
695
di/dt = 610 mA/μs
T
J = 25 °C
730
830
930
di/dt = 165 mA/μs
T
J = 25 °C
LNK3208
739
840
941
di/dt = 1000 mA/μs
T
J = 25 °C
941
1070
1199
di/dt = 165 mA/μs
T
J = 25 °C
LNK3209
925
1050
1175
di/dt = 1000 mA/μs
T
J = 25 °C
1194
1350
1506
di/dt = 65 mA/μs
T
J = 25 °C
LNK3294
180
205
230
di/dt = 415 mA/μs
T
J = 25 °C
227
258
289
di/dt = 95 mA/μs
T
J = 25 °C
LNK3296
325
370
415
di/dt = 610 mA/μs
T
J = 25 °C
408
464
520
Minimum On-Time
t
ON(MIN)
LNK3202
See Note I
373
534
687
ns
LNK3204
See Note I
356
475
594
LNK3205
See Note I
412
531
650
LNK3206
See Note I
442
591
734
LNK3207
See Note I
656
875
1094
LNK3208
See Note I
435
580
725
LNK3209
See Note I
442
591
734



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com