Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JB6 Datasheet(PDF) 2 Page - BlockMaster Electronics, Inc.

Part # JB6
Description  Modular, Color Coded Terminal Blocks
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BLOCKMASTER-ELECTRONICS [BlockMaster Electronics, Inc.]
Direct Link  https://www.blockmaster.com/
Logo BLOCKMASTER-ELECTRONICS - BlockMaster Electronics, Inc.

JB6 Datasheet(HTML) 2 Page - BlockMaster Electronics, Inc.

  JB6 Datasheet HTML 1Page - BlockMaster Electronics, Inc. JB6 Datasheet HTML 2Page - BlockMaster Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1400 Howard Street
Elk Grove Village, IL 60007
Phone: (800) 595-8881
www.BLOCKMASTER.com
Modular, Color-Coded Terminal Blocks
JB6 Series Data Sheet
JB6 Series
How to Order
Printed Circuit Board Layout
Housing Material: Thermoplastic polyamide, UL 94V-0, 130⁰
max. operating temperature
Terminals:
Brass, bright tin over copper plating
Screws:
#6-32 steel, zinc plating with clear chromate
coating undercut binding head
Rating:
20A, 300V
Wire Range:
12-22 AWG
Specifications
Accessories
L=A + 2X
SIZE
JB6
B
15.9
(0.63)
C
19.0
(0.75)
D
1.5
(0.06)
X
9.5
(0.375)
Y
5.5
(0.22)
Z
4.0
(0.16)
(N) - # of
Positions
A
(Inches)
A
mm
(N) - # of
Positions
A
(Inches)
A
mm
2
(0.375)
9.5
14
(4.875)
123.8
3
(0.750)
19.1
15
(5.250)
133.3
4
(1.125)
28.6
16
(5.625)
142.9
5
(1.500)
38.1
17
(6.000)
152.4
6
(1.875)
47.6
18
(6.375)
161.9
7
(2.250)
57.1
19
(6.750)
171.5
8
(2.625)
66.7
20
(7.125)
181.0
9
(3.000)
76.2
21
(7.500)
190.5
10
(3.375)
85.7
22
(7.875)
200.2
11
(3.750)
95.2
23
(8.250)
209.6
12
(4.145)
104.8
24
(8.625)
219.1
13
(4.500)
114.3



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com