Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JB6 Datasheet(PDF) 1 Page - BlockMaster Electronics, Inc.

Part # JB6
Description  Modular, Color Coded Terminal Blocks
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BLOCKMASTER-ELECTRONICS [BlockMaster Electronics, Inc.]
Direct Link  https://www.blockmaster.com/
Logo BLOCKMASTER-ELECTRONICS - BlockMaster Electronics, Inc.

JB6 Datasheet(HTML) 1 Page - BlockMaster Electronics, Inc.

  JB6 Datasheet HTML 1Page - BlockMaster Electronics, Inc. JB6 Datasheet HTML 2Page - BlockMaster Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
JB6 Series
Modular, Color-Coded
Terminal Blocks
Eliminate the Problem of
Field Installation
Mistakes!
JB Series: Modular,
Barrier-Style Blocks
1400 Howard Street
Elk Grove Village, IL 60007
Phone: (800) 595-8881
www.BLOCKMASTER.com
Modular, Color-Coded Terminal Blocks
Never content to sell the same old blocks, we at BlockMaster
have pushed the envelope yet again with another innovative
series. This time we’re targeting a very important segment of
our customer base: the field engineers. We’re sure they’ll be
happy to know that with our two lines of Jelly Beans terminal
blocks, they’ll never again have to worry about the age-old
problem of incorrect field wiring. Both products can have a
different color for each position, helping to eliminate
installation mistakes.
The JB Series are modular, barrier-style terminal blocks that
offer the ability to
color-code each terminal to match
customer wiring. This allows for the separation of line voltage
from signal inputs and outputs. Single circuit modules snap
together to form nearly infinite circuit configurations, and each
position can be any of ten available colors. Standard design
features include break-resistant barriers, standoffs for flux
cleaning, and ready-to-wire screws. A full range of terminal
configurations are offered on industry standard center-to-center
spacings of 3/8” (0.375” or 9.50 mm).
JB6 Series Data Sheet
Modular construction for customer-specified length
10 Colors available for color-coding applications
Standoffs for improved flux removal
3/8” Centers (0.375”/9.50 mm)
UL Recognized – 20A at 300V
Wire-ready; raised screws for 12AWG to 22AWG wire
Terminal Styles
Features


Similar Part No. - JB6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JB63-10-150 ETC-JB63-10-150 Datasheet
1Mb / 17P
Floating Joint
More results

Similar Description - JB6

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3811 3M-3811 Datasheet
46Kb / 2P
050 Color Coded Flat Cable
19-Feb-1999
logo
Cooper Bussmann, Inc.
EM3123 COOPER-EM3123 Datasheet
231Kb / 9P
Euro-Mag Terminal Blocks 3.50 Centers Modular
logo
List of Unclassifed Man...
450-AA150 ETC2-450-AA150 Datasheet
143Kb / 2P
Color Coded Plastic Knobs
450-C151 ETC2-450-C151 Datasheet
91Kb / 1P
Color Coded Plastic Caps
logo
3M Electronics
M1MXK-5036R 3M-M1MXK-5036R Datasheet
1Mb / 3P
3M Color Coded Flat Cable
01-May-2012
logo
Cooper Bussmann, Inc.
BCM603-1S COOPER-BCM603-1S Datasheet
1Mb / 3P
Modular ferrule fuse blocks
logo
IDEC Corporation
BN-W IDEC-BN-W Datasheet
2Mb / 26P
Terminal Blocks
logo
WAGO Kontakttechnik Gmb...
2001-549 WAGO-2001-549 Datasheet
155Kb / 5P
Spacer module; modular; e.g., for bridging commoned terminal blocks
24.11.2021
2000-549 WAGO-2000-549 Datasheet
151Kb / 5P
Spacer module; modular; e.g., for bridging commoned terminal blocks
25.11.2021
logo
IDEC Corporation
BNH IDEC-BNH Datasheet
1Mb / 4P
Terminal Blocks
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com