Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UKA1C331MPD Datasheet(PDF) 2 Page - Nichicon corporation

Part # UKA1C331MPD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UKA1C331MPD Datasheet(HTML) 2 Page - Nichicon corporation

  UKA1C331MPD Datasheet HTML 1Page - Nichicon corporation UKA1C331MPD Datasheet HTML 2Page - Nichicon corporation UKA1C331MPD Datasheet HTML 3Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
CAT.8100M
UKA
Rated Voltage
(V)
(code)
Rated
Capacitance
(µF)
Case Size
φD×L(mm)
tan δ
Leakage Current
(µA)
Rated Ripple
(mArms)
(105℃/120Hz)
Part Number
at 20℃ after
1 minute
at 20℃ after
2 minutes
6.3
(0J)
470
8×11.5
0.30
88.83
29.61
270
 UKA0J471MPD
1000
10×12.5
0.30
189
63
420
 UKA0J102MPD
2200
10×20
0.32
415.8
138.6
710
 UKA0J222MPD
3300
12.5×20
0.34
623.7
207.9
910
 UKA0J332MHD
4700
12.5×25
0.36
888.3
296.1
1120
 UKA0J472MHD
6800
12.5×35.5
0.40
1285.2
428.4
1360
 UKA0J682MHD
10000
12.5×40
0.48
1890
630
1650
 UKA0J103MHD
15000
16×35.5
0.58
2835
945
2010
 UKA0J153MHD
22000
18×40
0.72
4158
1386
2350
 UKA0J223MHD
10
(1A)
330
8×11.5
0.26
99
33
240
 UKA1A331MPD
470
8×11.5
0.26
141
47
280
 UKA1A471MPD
1000
10×16
0.26
300
100
500
 UKA1A102MPD
2200
12.5×20
0.28
660
220
810
 UKA1A222MHD
3300
12.5×25
0.30
990
330
1050
 UKA1A332MHD
4700
12.5×35.5
0.32
1410
470
1300
 UKA1A472MHD
6800
12.5×40
0.36
2040
680
1570
 UKA1A682MHD
10000
16×35.5
0.44
3000
1000
1890
 UKA1A103MHD
15000
18×40
0.54
4500
1500
2400
 UKA1A153MHD
16
(1C)
330
8×11.5
0.22
158.4
52.8
265
 UKA1C331MPD
470
8×11.5
0.22
225.6
75.2
315
 UKA1C471MPD
1000
10×16
0.22
480
160
560
 UKA1C102MPD
2200
12.5×20
0.24
1056
352
920
 UKA1C222MHD
3300
12.5×30.5
0.26
1584
528
1270
 UKA1C332MHD
4700
12.5×35.5
0.28
2256
752
1480
 UKA1C472MHD
6800
16×30.5
0.32
3264
1088
1780
 UKA1C682MHD
10000
18×35.5
0.40
4800
1600
2060
 UKA1C103MHD
25
(1E)
220
8×11.5
0.18
165
55
240
 UKA1E221MPD
330
8×11.5
0.18
247.5
82.5
290
 UKA1E331MPD
470
10×12.5
0.18
352.5
117.5
380
 UKA1E471MPD
1000
10×20
0.18
750
250
680
 UKA1E102MPD
2200
12.5×30.5
0.20
1650
550
1200
 UKA1E222MHD
3300
12.5×35.5
0.22
2475
825
1400
 UKA1E332MHD
4700
16×30.5
0.24
3525
1175
1710
 UKA1E472MHD
6800
18×35.5
0.28
5100
1700
2040
 UKA1E682MHD
Dimensions
For cut leads, formed leads or taped parts, please add the appropriate code after the size code (12th digit ).
If there is no size code in the part number, please add size code “1” and then add the appropriate code.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com