Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UKA1C331MPD Datasheet(PDF) 3 Page - Nichicon corporation

Part # UKA1C331MPD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UKA1C331MPD Datasheet(HTML) 3 Page - Nichicon corporation

  UKA1C331MPD Datasheet HTML 1Page - Nichicon corporation UKA1C331MPD Datasheet HTML 2Page - Nichicon corporation UKA1C331MPD Datasheet HTML 3Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
CAT.8100M
UKA
Rated Voltage
(V)
(code)
Rated
Capacitance
(µF)
Case Size
φD×L(mm)
tan δ
Leakage Current
(µA)
Rated Ripple
(mArms)
(105℃/120Hz)
Part Number
at 20℃ after
1 minute
at 20℃ after
2 minutes
35
(1V)
220
8×11.5
0.16
231
77
260
 UKA1V221MPD
330
10×12.5
0.16
346.5
115.5
350
 UKA1V331MPD
470
10×16
0.16
493.5
164.5
460
 UKA1V471MPD
1000
12.5×25
0.16
1050
350
860
 UKA1V102MHD
2200
12.5×40
0.18
2310
770
1260
 UKA1V222MHD
3300
16×35.5
0.20
3465
1155
1610
 UKA1V332MHD
4700
18×35.5
0.22
4935
1645
1910
 UKA1V472MHD
50
(1H)
100
8×11.5
0.14
150
50
190
 UKA1H101MPD
220
10×12.5
0.14
330
110
300
 UKA1H221MPD
330
10×16
0.14
495
165
410
 UKA1H331MPD
470
12.5×20
0.14
705
235
530
 UKA1H471MHD
1000
12.5×30.5
0.14
1500
500
1040
 UKA1H102MHD
2200
16×35.5
0.16
3300
1100
1470
 UKA1H222MHD
3300
18×35.5
0.18
4950
1650
1770
 UKA1H332MHD
Dimensions
For cut leads, formed leads or taped parts, please add the appropriate code after the size code (12th digit ).
If there is no size code in the part number, please add size code “1” and then add the appropriate code.
For formed lead or taped product specifications and minimum order quantity,
please refer to the Guidelines for Aluminum Electrolytic Capacitors.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com