Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP251D Datasheet(PDF) 39 Page - STMicroelectronics

Part # STM32MP251D
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP251D Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STM32MP251D Datasheet HTML 35Page - STMicroelectronics STM32MP251D Datasheet HTML 36Page - STMicroelectronics STM32MP251D Datasheet HTML 37Page - STMicroelectronics STM32MP251D Datasheet HTML 38Page - STMicroelectronics STM32MP251D Datasheet HTML 39Page - STMicroelectronics STM32MP251D Datasheet HTML 40Page - STMicroelectronics STM32MP251D Datasheet HTML 41Page - STMicroelectronics STM32MP251D Datasheet HTML 42Page - STMicroelectronics STM32MP251D Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 234 page
background image
•
Maskable interrupts/events:
–
Alarm A
–
Alarm B
–
Wake-up interrupt
–
Timestamp
•
TrustZone support:
–
RTC fully securable
–
Alarm A, alarm B, wake-up timer and timestamp individual secure or non-secure configuration
3.48
Tamper and backup registers (TAMP)
The 128 x 32-bit backup registers are retained in all low-power modes, and in VBAT mode. They can be used to
store sensitive data as their content is protected by a tamper detection circuit. 16 tamper pins (eight input and
eight outputs), and 14 internal tampers are available for anti-tamper detection.
The eight external tamper pins can be configured for edge detection, edge and level, level detection with filtering,
or up to eight active tamper which increases the security level by auto-checking that tamper pins are not
externally opened or shorted.
•
128 backup registers (TAMP_BKPxR) implemented in the RTC domain that remains powered-on by VBAT
when the VDD power is switched off
•
8 external tamper detection events:
–
Each external event can be configured to be active or passive.
–
External passive tampers with configurable filter and internal pull-up
•
14 internal tamper events
•
Any tamper detection can generate an RTC timestamp event.
•
Any tamper detection erases backup registers.
•
TrustZone support:
–
Tamper secure or non-secure configuration
–
Backup registers configuration in three configurable-size areas:
◦
1 read/write secure area
◦
1 write secure/read non-secure area
◦
1 read/write non-secure area
•
Monotonic counter
3.49
Inter-integrated circuit interface (I2C1/2/3/4/5/6/7/8)
STM32MP25xA/D devices embed eight I2C interfaces, that handle communications between the device and the
serial I2C bus. Each I2C interface controls all I2C bus-specific sequencing, protocol, arbitration and timing.
The I2C peripheral supports:
•
I2C-bus specification and user manual rev. 5 compatibility:
–
Slave and master modes, multimaster capability
–
Standard-mode (Sm), with a bitrate up to 100 Kbit/s
–
Fast-mode (Fm), with a bitrate up to 400 Kbit/s
–
Fast-mode Plus (Fm+), with a bitrate up to 1 Mbit/s and 20 mA output drive I/Os
–
7-bit and 10-bit addressing mode, multiple 7-bit slave addresses
–
Programmable setup and hold times
–
Optional clock stretching
•
System management bus (SMBus) specification rev 2.0 compatibility:
–
Hardware PEC (packet error checking) generation and verification with ACK control
–
Address resolution protocol (ARP) support
–
SMBus alert
•
Power system management protocol (PMBus) specification rev 1.1 compatibility
STM32MP251A/D STM32MP253A/D STM32MP255A/D STM32MP257A/D
Functional overview
DS14285 - Rev 2
page 39/234



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com