Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA271 Datasheet(PDF) 12 Page - Texas Instruments

Part # INA271
Description  INA27x Voltage Output, Unidirectional Measurement Current-Shunt Monitor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA271 Datasheet(HTML) 12 Page - Texas Instruments

Back Button INA271 Datasheet HTML 8Page - Texas Instruments INA271 Datasheet HTML 9Page - Texas Instruments INA271 Datasheet HTML 10Page - Texas Instruments INA271 Datasheet HTML 11Page - Texas Instruments INA271 Datasheet HTML 12Page - Texas Instruments INA271 Datasheet HTML 13Page - Texas Instruments INA271 Datasheet HTML 14Page - Texas Instruments INA271 Datasheet HTML 15Page - Texas Instruments INA271 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
a) Single-Pole Filter
b) Second-Order, Sallen-Key Filter
A1
A2
Single-Pole Filter
Capacitor
+2.7V to +18V
5kW
5kW
96kW
R
L
PRE OUT
BUF IN
GND
Output
IN-
IN+
V+
Load
Supply
R
S
INA270
A1
A2
Second-Order, Sallen-Key Filter Connection
+2.7V to +18V
C
FILT
C
FILT
5kW
5kW
96kW
R
L
PRE OUT
BUF IN
GND
Output
IN-
IN+
V+
Load
Supply
R
S
R
S
INA270
12
INA270, INA271
SBOS381E – FEBRUARY 2007 – REVISED JANUARY 2018
www.ti.com
Product Folder Links: INA270 INA271
Submit Documentation Feedback
Copyright © 2007–2018, Texas Instruments Incorporated
Feature Description (continued)
Use of MOVs or VDRs is not recommended except when they are used in addition to a semiconductor transient
absorber. Select the transient absorber such that it never allows the INA270 and INA271 to be exposed to
transients greater than 80 V (that is, allow for transient absorber tolerance, as well as additional voltage because
of transient absorber dynamic impedance). Despite the use of internal zener-type ESD protection, the INA270
and INA271 are not suited to using external resistors in series with the inputs because the internal gain resistors
can vary up to ±30%, but are tightly matched (if gain accuracy is not important, then resistors can be added in
series with the INA270 and INA271 inputs with two equal resistors on each input).
8.4 Device Functional Modes
8.4.1 First- or Second-Order Filtering
The output of the INA270 and INA271 is accurate within the output voltage swing range set by the power-supply
pin, V+.
The INA270 and INA271 readily enable the inclusion of filtering between the preamp output and buffer input.
Single-pole filtering can be accomplished with a single capacitor because of the 96-k
Ω output impedance at PRE
OUT on pin 3, as shown in Figure 16a.
The INA270 and INA271 readily lend themselves to second-order Sallen-Key configurations, as shown in
Figure 16b. When designing these configurations consider that the PRE OUT 96-k
Ω output impedance exhibits
an initial variation of ±30% with the addition of a –2200-ppm/°C temperature coefficient.
NOTE: Remember to use the appropriate buffer gain (INA270 = 1.4, INA271 = 2) when designing Sallen-Key configurations.
Figure 16. The INA270–INA271 can be Easily Connected for First- or Second-Order Filtering



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com