Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA271 Datasheet(PDF) 3 Page - Texas Instruments

Part # INA271
Description  INA27x Voltage Output, Unidirectional Measurement Current-Shunt Monitor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA271 Datasheet(HTML) 3 Page - Texas Instruments

  INA271 Datasheet HTML 1Page - Texas Instruments INA271 Datasheet HTML 2Page - Texas Instruments INA271 Datasheet HTML 3Page - Texas Instruments INA271 Datasheet HTML 4Page - Texas Instruments INA271 Datasheet HTML 5Page - Texas Instruments INA271 Datasheet HTML 6Page - Texas Instruments INA271 Datasheet HTML 7Page - Texas Instruments INA271 Datasheet HTML 8Page - Texas Instruments INA271 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
1
2
3
4
8
7
6
5
IN+
NC
(1)
V+
OUT
IN-
GND
PREOUT
BUFIN
INA27x
3
INA270, INA271
www.ti.com
SBOS381E – FEBRUARY 2007 – REVISED JANUARY 2018
Product Folder Links: INA270 INA271
Submit Documentation Feedback
Copyright © 2007–2018, Texas Instruments Incorporated
5 Device Comparison Table
DEVICE
GAIN
INA270
14 V/V
INA271
20 V/V
6 Pin Configuration and Functions
D Package
SOIC-8
Top View
NOTE (1): NC denotes no internal connection.
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
BUF IN
4
Analog input
Connect to output of filter from PRE OUT
GND
2
Analog
Ground
IN–
1
Analog input
Connect to load side of shunt resistor
IN+
8
Analog input
Connect to supply side of shunt resistor
NC
7
—
Connect to ground
OUT
5
Analog output
Output voltage
PRE OUT
3
Analog output
Connect to input of filter to BUF IN
V+
6
Analog input
Power supply, +2.7 V to +18 V
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7 Specifications
7.1 Absolute Maximum Ratings
(1)
MIN
MAX
UNIT
Supply voltage (VS)
+18
V
Analog inputs, VIN+, VIN–:
Differential, (VIN+) – (VIN–)
–18
+18
V
Common-mode
–16
+80
V
Analog output: OUT and PRE OUT pins
GND – 0.3
(V+) + 0.3
V
Input current into any pin
5
mA
Operating temperature
–55
+150
°C
Junction temperature
+150
°C
Storage temperature, Tstg
–65
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com