Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMP100FRE-M Datasheet(PDF) 4 Page - YAGEO Corporation

Part # FMP100FRE-M
Description  METAL FILM RESISTORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

FMP100FRE-M Datasheet(HTML) 4 Page - YAGEO Corporation

  FMP100FRE-M Datasheet HTML 1Page - YAGEO Corporation FMP100FRE-M Datasheet HTML 2Page - YAGEO Corporation FMP100FRE-M Datasheet HTML 3Page - YAGEO Corporation FMP100FRE-M Datasheet HTML 4Page - YAGEO Corporation FMP100FRE-M Datasheet HTML 5Page - YAGEO Corporation FMP100FRE-M Datasheet HTML 6Page - YAGEO Corporation FMP100FRE-M Datasheet HTML 7Page - YAGEO Corporation FMP100FRE-M Datasheet HTML 8Page - YAGEO Corporation FMP100FRE-M Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
www.yageo.com
Oct. 25, 2021
V.0
Metal Film Resistors
4
16
Product Specification
FMP
Through Hole Resistors
TEST AND REQUIRMENTS
TEST
TEST METHOD
PROCEDURE
APPRAISE
Short Time Overload
IEC 60115-1 4.13
2.5 times RCWV for 5 sec.(Not more than
maximum overload voltage)
± 1.0 % + 0.05Ω
Voltage Proof on
Insulation
IEC 60115-1 4.7
In V-Block for 60 sec. test voltage as
above table
No Breakdown
Temperature Coefficient
IEC 60115-1 4.8
Between -55
°C to +155°C
By Type
Insulation Resistance
IEC 60115-1 4.6
In V-Block for 60 sec.
>1,000M
Ω
Solderability
IEC 60115-1 4.17
245
±5°C for 3±0.5 Sec.
95% Min. coverage
Solvent Resistance of
Marking
IEC 60115-1 4.30
IPA for 5
±0.5 Min. with ultrasonic
No deterioration of
coatings and markings
Robustness of
Terminations
IEC 60115-1 4.16
Direct load for 10 Sec. in the direction of
the terminal leads
≥2.5Kg(24.5N)
Periodic-pulse Overload
IEC 60115-1 4.39
4 times RCWV(or Umax., whichever less)
10,000 cycles (1 Sec. on, 25 Sec.off)
±1.0%+0.05Ω
Damp Heat Steady State
IEC 60115-1 4.24
40
±2°C,90-95% RH for 56 days, loaded
with 0.1 times RCWV(or Umax.,
whichever less)
±2.0%+0.05Ω
Endurance at 70
°C
IEC 60115-1 4.25
70
±2°C at RCWV(or Umax., whichever
less) for 1,000 Hr.(1.5 Hr.on,0.5 Hr. off)
±2.0%+0.05Ω
Temperature Cycling
IEC 60115-1 4.19
-55
°C è Room Temp. è +155°C
è Room Temp.(5 cycles)
±1.0%+0.05Ω
Resistance to Soldering
Heat
IEC 60115-1 4.18
260
±3°C for 10±1 Sec., immersed to a
point 3
±0.5mm from the body
±0.25%+0.05Ω
Accidental Overload Test
IEC 60115-1 4.26
4 times RCWV(or Umax., whichever less)
for 1 Min.
No evidence of flaming
or arcing
Note:
RCWV (Rated Continuous Working Voltage ):
The DC or AC (rms) continuous working voltage corresponding to the rated power is determined by the following
formula:
V=
√(P X R)
or max. working voltage whichever is less
Where
V=Continuous rated DC or
AC (rms) working voltage (V)
P=Rated power (W)
R=Resistance value (
Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com