Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMP100FRE-M Datasheet(PDF) 13 Page - YAGEO Corporation

Part # FMP100FRE-M
Description  METAL FILM RESISTORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

FMP100FRE-M Datasheet(HTML) 13 Page - YAGEO Corporation

Back Button FMP100FRE-M Datasheet HTML 8Page - YAGEO Corporation FMP100FRE-M Datasheet HTML 9Page - YAGEO Corporation FMP100FRE-M Datasheet HTML 10Page - YAGEO Corporation FMP100FRE-M Datasheet HTML 11Page - YAGEO Corporation FMP100FRE-M Datasheet HTML 12Page - YAGEO Corporation FMP100FRE-M Datasheet HTML 13Page - YAGEO Corporation FMP100FRE-M Datasheet HTML 14Page - YAGEO Corporation FMP100FRE-M Datasheet HTML 15Page - YAGEO Corporation FMP100FRE-M Datasheet HTML 16Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
www.yageo.com
Oct. 25, 2021
V.0
Metal Film Resistors
13
16
Product Specification
FMP
Through Hole Resistors
FT TYPE (Taping Pack)
MT TYPE (Taping Pack)
Rated Watts : 0.5W
TYPE
DIMENSIONS
Unit: mm
Ultra
Miniature
H1
Max.
H2
Max.
H3
Max.
FMP100
10
18.5
8.5
FMP200
13
21.5
8.5
FMP3WS
16
24.5
8.5
PN TYPE (Taping Pack)
AV TYPE (Taping Pack)
TYPE
DIMENSIONS
Unit: mm
Ultra
Miniature
H1
Max.
H2
Max.
H3
Max.
FMP100
13
21.5
8.5
FMP200
17
25.5
8.5
FMP3WS
19
27.5
8.5
TYPE
DIMENSIONS
Unit: mm
Ultra
Miniature
H1
Max.
H2
Max.
H3
Max.
FMP100
11.5
20
8.5
FMP200
14.5
23
8.5
FMP3WS
17.5
26
8.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com