Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TBD Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # TBD
Description  Quad Core Digital Signal Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

TBD Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  TBD Datasheet HTML 1Page - Freescale Semiconductor, Inc TBD Datasheet HTML 2Page - Freescale Semiconductor, Inc TBD Datasheet HTML 3Page - Freescale Semiconductor, Inc TBD Datasheet HTML 4Page - Freescale Semiconductor, Inc TBD Datasheet HTML 5Page - Freescale Semiconductor, Inc TBD Datasheet HTML 6Page - Freescale Semiconductor, Inc TBD Datasheet HTML 7Page - Freescale Semiconductor, Inc TBD Datasheet HTML 8Page - Freescale Semiconductor, Inc TBD Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 80 page
background image
MSC8144E Quad Core Digital Signal Processor Data Sheet, Rev. 6
Freescale Semiconductor
2
Table of Contents
1
Pin Assignments and Reset States . . . . . . . . . . . . . . . . . . . . .4
1.1
FC-PBGA Ball Layout Diagrams . . . . . . . . . . . . . . . . . . .4
1.2
Signal List By Ball Location. . . . . . . . . . . . . . . . . . . . . . .6
2
Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . .25
2.1
Maximum Ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . .25
2.2
Recommended Operating Conditions. . . . . . . . . . . . . .27
2.3
Default Output Driver Characteristics . . . . . . . . . . . . . .27
2.4
Thermal Characteristics . . . . . . . . . . . . . . . . . . . . . . . .28
2.5
Power Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . .28
2.6
DC Electrical Characteristics . . . . . . . . . . . . . . . . . . . .29
2.7
AC Timings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .34
3
Hardware Design Considerations . . . . . . . . . . . . . . . . . . . . . .64
3.1
Start-up Sequencing Recommendations . . . . . . . . . . .64
3.2
Power Supply Design Considerations. . . . . . . . . . . . . .65
3.3
Clock and Timing Signal Board Layout Considerations 65
3.4
Connectivity Guidelines . . . . . . . . . . . . . . . . . . . . . . . .66
3.5
External DDR SDRAM Selection . . . . . . . . . . . . . . . . .74
4
Ordering Information. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .75
5
Package Information. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .75
6
Product Documentation . . . . . . . . . . . . . . . . . . . . . . . . . . . . .76
7
Revision History . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .76
List of Figures
Figure 1. MSC8144E Block Diagram . . . . . . . . . . . . . . . . . . . . . . . 3
Figure 2. StarCore SC3400 DSP Core Subsystem Block Diagram 3
Figure 3. MSC8144E FC-PBGA Package, Top View . . . . . . . . . . . 4
Figure 4. MSC8144E FC-PBGA Package, Bottom View . . . . . . . . 5
Figure 5. SerDes Reference Clocks Input Stage . . . . . . . . . . . . . 31
Figure 6. Overshoot/Undershoot Voltage for VIH and VIL. . . . . . . 34
Figure 7. Start-Up Sequence with VDD Raised Before VDDIO with
CLKIN Started with VDDIO. . . . . . . . . . . . . . . . . . . . . . . 35
Figure 8. Timing for a Reset Configuration Write . . . . . . . . . . . . . 38
Figure 9. Timing for tDDKHMH . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40
Figure 10.DDR SDRAM Output Timing. . . . . . . . . . . . . . . . . . . . . 41
Figure 11.DDR AC Test Load . . . . . . . . . . . . . . . . . . . . . . . . . . . . 41
Figure 12.Differential VPP of Transmitter or Receiver . . . . . . . . . . 42
Figure 13.Transmitter Output Compliance Mask . . . . . . . . . . . . . . 45
Figure 14.Single Frequency Sinusoidal Jitter Limits . . . . . . . . . . . 47
Figure 15.Receiver Input Compliance Mask . . . . . . . . . . . . . . . . . 48
Figure 16.PCI AC Test Load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50
Figure 17.PCI Input AC Timing Measurement Conditions . . . . . . . 50
Figure 18.PCI Output AC Timing Measurement Condition . . . . . . 50
Figure 19.TDM Inputs Signals . . . . . . . . . . . . . . . . . . . . . . . . . . . . 51
Figure 21.TDM Output Signals . . . . . . . . . . . . . . . . . . . . . . . . . . . 52
Figure 22.UART Input Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . 52
Figure 23.UART Output Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . 52
Figure 24.Timer Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 53
Figure 25.MII Management Interface Timing . . . . . . . . . . . . . . . . . 54
Figure 26.MII Transmit AC Timing . . . . . . . . . . . . . . . . . . . . . . . . . 54
Figure 27.AC Test Load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 55
Figure 28.MII Receive AC Timing . . . . . . . . . . . . . . . . . . . . . . . . . 55
Figure 29.RMII Transmit and Receive AC Timing . . . . . . . . . . . . . 56
Figure 30.AC Test Load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 56
Figure 31.SMII Mode Signal Timing. . . . . . . . . . . . . . . . . . . . . . . . 57
Figure 32.RGMII AC Timing and Multiplexing s. . . . . . . . . . . . . . . 58
Figure 33.ATM/UTOPIA/POS AC Test Load . . . . . . . . . . . . . . . . . 59
Figure 34.ATM/UTOPIAPOS AC Timing (External Clock) . . . . . . . 59
Figure 35.SPI AC Test Load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60
Figure 36.SPI AC Timing in Slave Mode (External Clock). . . . . . . 60
Figure 37.SPI AC Timing in Master Mode (Internal Clock) . . . . . . 61
Figure 38.Asynchronous Signal Timing . . . . . . . . . . . . . . . . . . . . . 61
Figure 39.Test Clock Input Timing . . . . . . . . . . . . . . . . . . . . . . . . . 62
Figure 40.Boundary Scan (JTAG) Timing . . . . . . . . . . . . . . . . . . . 62
Figure 41.Test Access Port Timing . . . . . . . . . . . . . . . . . . . . . . . . 63
Figure 42.TRST Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 63
Figure 43.VDDM3, VDDM3IO and V25M3 Power-on Sequence . . . . . 64
Figure 45.MSC8144E Mechanical Information, 783-ball FC-PBGA
Package. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com