Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TBD Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # TBD
Description  Quad Core Digital Signal Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

TBD Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button TBD Datasheet HTML 9Page - Freescale Semiconductor, Inc TBD Datasheet HTML 10Page - Freescale Semiconductor, Inc TBD Datasheet HTML 11Page - Freescale Semiconductor, Inc TBD Datasheet HTML 12Page - Freescale Semiconductor, Inc TBD Datasheet HTML 13Page - Freescale Semiconductor, Inc TBD Datasheet HTML 14Page - Freescale Semiconductor, Inc TBD Datasheet HTML 15Page - Freescale Semiconductor, Inc TBD Datasheet HTML 16Page - Freescale Semiconductor, Inc TBD Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 80 page
background image
MSC8144E Quad Core Digital Signal Processor Data Sheet, Rev. 6
Freescale Semiconductor
13
K23
MBA2
VDDDDR
K24
MA10
VDDDDR
K25
MA12
VDDDDR
K26
MA14
VDDDDR
K27
MA4
VDDDDR
K28
MVREF
VDDDDR
L1
Reserved1
—
L2
CLKOUT
VDDIO
L3
TMR1/UTP_IR/PCI_CBE3/
GPIO173, 6
UTOPIA
TMR/
GPIO
UTOPIA
PCI
UTOPIA
VDDIO
L4
TMR4/PCI_PAR/GPIO203,
6/ UTP_REOP
TIMER/GPIO
PCI
TIMER/GPIO
VDDIO
L5
GND
GND
L6
TMR2/PCI_FRAME/
GPIO183, 6
TIMER/GPIO
PCI
TIMER/GPIO
UTOPIA
VDDIO
L7
SCL/GPIO263, 4, 6
I2C/GPIO
VDDIO
L8
UTXD/GPIO15/IRQ93, 6
UART/GPIO/IRQ
VDDIO
L9
GND
GND
L10
VDD
VDD
L11
GND
GND
L12
VDD
VDD
L13
GND
GND
L14
VDD
VDD
L15
Reserved1
GND
L16
VDD
VDD
L17
GND
GND
L18
VDD
VDD
L19
GND
GND
L20
VDD
VDD
L21
GND
GND
L22
GND
GND
L23
MCKE1
VDDDDR
L24
MA1
VDDDDR
L25
VDDDDR
VDDDDR
L26
GND
GND
L27
VDDDDR
VDDDDR
L28
MCK1
VDDDDR
M1
Reserved1
—
M2
TRST
VDDIO
M3
EE0
VDDIO
M4
EE1
VDDIO
M5
UTP_RCLK/PCI_AD13
UTOPIA
PCI
UTOPIA
VDDIO
M6
UTP_RADDR0/PCI_AD7
UTOPIA
PCI
UTOPIA
VDDIO
M7
UTP_TD8/PCI_AD30
UTOPIA
PCI
UTOPIA
VDDIO
Table 1. Signal List by Ball Number (continued)
Ball
Number
Signal Name
Power-
On
Reset
Value
I/O Multiplexing Mode2
Ref.
Supply
0 (000)
1 (001)
2 (010)
3 (011)
4 (100)
5 (101)
6 (110)
7 (111)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com