Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FT601Q-B-R Datasheet(PDF) 32 Page - Future Technology Devices International Ltd.

Part # FT601Q-B-R
Description  FT600Q-FT601Q IC Datasheet (USB 3.0 to FIFO Bridge)
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT601Q-B-R Datasheet(HTML) 32 Page - Future Technology Devices International Ltd.

Back Button FT601Q-B-R Datasheet HTML 25Page - Future Technology Devices International Ltd. FT601Q-B-R Datasheet HTML 26Page - Future Technology Devices International Ltd. FT601Q-B-R Datasheet HTML 27Page - Future Technology Devices International Ltd. FT601Q-B-R Datasheet HTML 28Page - Future Technology Devices International Ltd. FT601Q-B-R Datasheet HTML 29Page - Future Technology Devices International Ltd. FT601Q-B-R Datasheet HTML 30Page - Future Technology Devices International Ltd. FT601Q-B-R Datasheet HTML 31Page - Future Technology Devices International Ltd. FT601Q-B-R Datasheet HTML 32Page - Future Technology Devices International Ltd. FT601Q-B-R Datasheet HTML 33Page - Future Technology Devices International Ltd.  
Zoom Inzoom in Zoom Outzoom out
 32 / 33 page
background image
Copyright © Future Technology Devices International Limited
32
FT600Q-FT601Q IC DatasheetDatasheet
Version 1.04
Document No.: FT_001118
Clearance No.: FTDI#424
Appendix B – List of Figures and Tables
List of Figures
Figure 2.1 Block Diagram..............................................................................................................3
Figure 3.1 QFN56 Package Pin Out ..................................................................................................6
Figure 3.2 QFN76 Package Pin Out ..................................................................................................7
Figure 4.1 FT601 Multi-Channel FIFO mode master read transaction 1 .............................................. 14
Figure 4.2 FT601 Multi-Channel FIFO mode master read transaction 2 .............................................. 14
Figure 4.3 FT601 Multi-Channel FIFO mode master write transaction 1.............................................. 15
Figure 4.4 Multi-Channel FIFO mode master write transaction 2 ....................................................... 16
Figure 4.5 Multi-Channel FIFO mode master read followed by write transaction .................................. 16
Figure 4.6 245 Synchronous FIFO mode bus master read cycle ........................................................ 17
Figure 4.7 245 Synchronous FIFO mode bus master write cycle........................................................ 17
Figure 4.8 FIFO Bus AC timing diagram ......................................................................................... 18
Figure 6.1 Bus-Powered Configuration-3.3V I/O.............................................................................. 22
Figure 6.2 Bus-Powered Configuration-2.5V/1.8V I/O ...................................................................... 22
Figure 6.3 Self-Powered Configuration........................................................................................... 23
Figure 7.1 FT600/FT601 Connect to FIFO Master Interface (Multi-Channel FIFO Mode) ........................ 24
Figure 7.2 FT600/FT601 Connect to FIFO Master Interface (245 Synchronous FIFO Mode) ................... 24
Figure 8.1 QFN-56 Package Dimensions........................................................................................ 25
Figure 8.2 QFN-56 Package Markings ........................................................................................... 26
Figure 8.3 QFN-76 Package Dimensions........................................................................................ 27
Figure 8.4 QFN-76 Package Markings ........................................................................................... 28
List of Tables
Table 1.1 Device Part Numbers.......................................................................................................2
Table 3.1 Device pin out Signal descriptions................................................................................... 10
Table 4.1 Multi-Channel FIFO mode Command phase ...................................................................... 13
Table 4.2 FIFO Bus AC timing....................................................................................................... 18
Table 5.1 Absolute Maximum Ratings ............................................................................................ 19
Table 5.2 ESD and Latch-Up Specifications .................................................................................... 19
Table 5.3 DC Characteristics ........................................................................................................ 20
Table 5.4 DC Characteristics for I/O Interface (Except USB PHY pins)................................................ 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com