Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FT601Q-B-R Datasheet(PDF) 17 Page - Future Technology Devices International Ltd.

Part # FT601Q-B-R
Description  FT600Q-FT601Q IC Datasheet (USB 3.0 to FIFO Bridge)
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT601Q-B-R Datasheet(HTML) 17 Page - Future Technology Devices International Ltd.

Back Button FT601Q-B-R Datasheet HTML 13Page - Future Technology Devices International Ltd. FT601Q-B-R Datasheet HTML 14Page - Future Technology Devices International Ltd. FT601Q-B-R Datasheet HTML 15Page - Future Technology Devices International Ltd. FT601Q-B-R Datasheet HTML 16Page - Future Technology Devices International Ltd. FT601Q-B-R Datasheet HTML 17Page - Future Technology Devices International Ltd. FT601Q-B-R Datasheet HTML 18Page - Future Technology Devices International Ltd. FT601Q-B-R Datasheet HTML 19Page - Future Technology Devices International Ltd. FT601Q-B-R Datasheet HTML 20Page - Future Technology Devices International Ltd. FT601Q-B-R Datasheet HTML 21Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
Copyright © Future Technology Devices International Limited
17
FT600Q-FT601Q IC DatasheetDatasheet
Version 1.04
Document No.: FT_001118
Clearance No.: FTDI#424
BE[3:0](BE[1:0] for FT600) is byte enable signal. In bus master read operation, the FT60X asserts the
signal for the valid bytes in a word strobe. In bus master write operation, the bus master assets the
signal for the valid bytes in a word strobe. Normally, all 4 bytes should be valid in a bus transaction
except in the last word strobe when the data transaction length not aligned at word boundary.
There are 2 waveforms below to show 245 synchronous FIFO bus master write and read cycles.
Figure 4.6 245 Synchronous FIFO mode bus master read cycle
⃰In 245 Synchronous FIFO mode master read operation, the bus master shall be able to read out the
maximum possible data in the RX FIFO in one read transaction, i.e. the bus master shall be able to read
out 4 KB in one bus transaction. In write operations, if the bus master expects the data to be transferred
on the USB bus in a maximum possible packet length, it should write the data to the FIFO in a single bus
transaction.
E.g. in a USB 3.0 super-speed connection, with a packet size of 1 KB, and a FIFO size of 4 KB, if the bus
master completes the 4 KB in one transaction then the data will be transferred over the USB bus in 4 full
sized packets. If the bus master completes 1 KB in one transaction, the data will be transferred over the
USB bus in 1 packet. If the bus master completes 1025 bytes in one transaction, the data will be transferred
over USB in 1 full sized packet and one short packet with 1 byte.
Figure 4.7 245 Synchronous FIFO mode bus master write cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com