Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STC31-C-R3 Datasheet(PDF) 21 Page - Sensirion AG Switzerland

Part # STC31-C-R3
Description  Smart CO2 sensor based on thermal conductivity
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

STC31-C-R3 Datasheet(HTML) 21 Page - Sensirion AG Switzerland

Back Button STC31-C-R3 Datasheet HTML 15Page - Sensirion AG Switzerland STC31-C-R3 Datasheet HTML 16Page - Sensirion AG Switzerland STC31-C-R3 Datasheet HTML 17Page - Sensirion AG Switzerland STC31-C-R3 Datasheet HTML 18Page - Sensirion AG Switzerland STC31-C-R3 Datasheet HTML 19Page - Sensirion AG Switzerland STC31-C-R3 Datasheet HTML 20Page - Sensirion AG Switzerland STC31-C-R3 Datasheet HTML 21Page - Sensirion AG Switzerland STC31-C-R3 Datasheet HTML 22Page - Sensirion AG Switzerland STC31-C-R3 Datasheet HTML 23Page - Sensirion AG Switzerland  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
www.sensirion.com / D1
Version 3.3 – November 2024
21 / 23
7
Product revision notice
The development the STC family has resulted in major advances and a new
measurement mode with superior cross sensitivity performance is introduced with
the 2024 release of the STC31-C.
The STC31-C can be identified visually by the laser marking on the package: STC31
”C”. The previously available version of the STC31 was marked with an “A”.
Changes are:
Introduction of the new standard measurement mode (low-cross-sensitivity) with significantly reduced
cross sensitivity to changes in the humidity and oxygen content of the air. The legacy measurement
mode (low-noise) is still available with unchanged measurement command for backward compatibility
(see below).
Applies to the new standard low-cross-sensitivity measurement mode:
General improvements of the temperature and pressure sensitivity.
Improved characterization of the impact of concentration, temperature, humidity and
pressure on the measurement accuracy. See section 1.1.
Characterization of the sensitivity to errors in the compensation inputs (T, RH, p). See section
2.
Extension of the low concentration range from 0-25% to 0-40% CO2.
The new standard measurement mode (low-cross-sensitivity) has more noise on the individual
measurement than the low-noise measurement mode. This can be resolved by averaging
multiple measurements or using the filter setting.
Detailed characterization of the temperature sensor accuracy. See section 2.2.
Increased absolute minimum and maximum temperature ranges. See section 2.7.
In contrast to STC31, STC31-C’s center pad is not connected to ground, and it is recommended to
solder it to ground and not let it floating.
Backward compatibility:
The STC31-C is fully backward compatible to the STC31.
There are no changes in the physical properties of the component and shipping package.
There are no changes in the electrical interface or digital communication.
The new standard measurement mode (low-cross-sensitivity) is now available under a new
measurement command argument (see section 3.3.2) and does not overwrite the legacy measurement
mode (low-noise).
The low-noise measurement mode remains available with the same measurement command argument
and there is no change of the communication required to continue using it when transitioning from
STC31 to STC31-C.
The new measurement mode (low-cross-sensitity) seems to perform better for all applications known
to us. We recommend all customers to evaluate it. However, no end of life of the old measurement
mode is planned.
The unchanged specifications for the low-noise mode are provided unchanged in section 1.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com