Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AV24LP402 Datasheet(PDF) 16 Page - APEM

Part # AV24LP402
Description  SWITCH, SPNO RoHS : Compliant
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEM [APEM]
Direct Link  www.apem.com
Logo APEM - APEM

AV24LP402 Datasheet(HTML) 16 Page - APEM

Back Button AV24LP402 Datasheet HTML 12Page - APEM AV24LP402 Datasheet HTML 13Page - APEM AV24LP402 Datasheet HTML 14Page - APEM AV24LP402 Datasheet HTML 15Page - APEM AV24LP402 Datasheet HTML 16Page - APEM AV24LP402 Datasheet HTML 17Page - APEM AV24LP402 Datasheet HTML 18Page - APEM AV24LP402 Datasheet HTML 19Page - APEM AV24LP402 Datasheet HTML 20Page - APEM  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
APEM
www.apem.com
B-103
AV series
Security pushbutton switches
Options
B
Flat or curved metal actuator
** Option 80 not available on models with dia. 16 mm (.629) bushing
CODE
BUSHING
ACTUATOR
00 (standard)
Nickel plated brass
Nickel plated brass
10
Nickel plated brass
Stainless steel
12
Nickel plated brass
Chrome plated brass
20
Chrome plated brass
Chrome plated brass
30
Chrome plated brass
Stainless steel
40
Stainless steel
Stainless steel
80 **
Varnished polished brass
Varnished polished brass
Flat thermoplastic actuator (not available with dia. 16 mm (.629) bushing)
CODE
BUSHING
ACTUATOR COLOUR
0
• (standard)
Nickel plated brass
2
•
Chrome plated brass
8•
Varnished polished brass
BUSHING
/ACTUATOR MATERIAL
Replace • with one of the following codes.
1
: blue - 2 : black - 3 : green - 4 : grey
5
: yellow - 6 : red - 7/1: white - 9 : orange
For flat or curved actuator.
Not available on model AV031202C00.
- by engraving on brass actuator
(stainless steel on request)
- by hot stamping on thermoplastic
actuator.
COLOUR OF MARKING
CODE
COLOUR
Brass actuator
0
(standard) Same as finish
2
Black
Note : a finished product supplied in
version “0” cannot be modified to
version "2".
Thermoplastic actuator
2
Black
7
White
TYPE OF MARKING
CODE
TYPE
0 to 9
Numbers 0 to 9
X
Symbol *
Y
Symbol #
A to N
Letters A to N
P to W
Letters P to W
0
Letter O
Letter O : same code and same design as
number 0.
For special symbols, consult factory.
Minimum order : 500 pieces
(0.059)
1.50
(0.590DIA)
Ø15.00
MARKING
Select an option from each of the two tables below.
For non-standard material, replace 00 with one of the following codes.
After selecting basic model number,
fill in last 3 boxes
with desired options.
Series
Bush./act.
config.
Case
style
Function Contact
matl.
Term.
type
Bush./act.
material
Marking Sealing
AV
K
Front panel sealing (IP65)
1
2
1
2
SEALING
➀ elastomeric membrane
➁ external gasket
➀ internal gasket
➁ external gasket
Blank
No sealing
For types with bushing Ø 19 or Ø 22
K
Frontal panel sealing (IP65)
For types with bushing Ø 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com