Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AV24LP402 Datasheet(PDF) 11 Page - APEM

Part # AV24LP402
Description  SWITCH, SPNO RoHS : Compliant
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEM [APEM]
Direct Link  www.apem.com
Logo APEM - APEM

AV24LP402 Datasheet(HTML) 11 Page - APEM

Back Button AV24LP402 Datasheet HTML 7Page - APEM AV24LP402 Datasheet HTML 8Page - APEM AV24LP402 Datasheet HTML 9Page - APEM AV24LP402 Datasheet HTML 10Page - APEM AV24LP402 Datasheet HTML 11Page - APEM AV24LP402 Datasheet HTML 12Page - APEM AV24LP402 Datasheet HTML 13Page - APEM AV24LP402 Datasheet HTML 14Page - APEM AV24LP402 Datasheet HTML 15Page - APEM Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
B-98
APEM
www.apem.com
AV series
Security pushbutton switches
Bushing Ø 19 (.748) - momentary (combined NC/NO)
B
Solder lug terminals - AV19..007
Ø19.00X1.00 SI
(.748DIAX1.00 IS)
12.60
(.496)
3.60
(.141)
13.10
(.515)
2.00
(.078)
3.60
(.141)
2.00
(.078)
SPECIFICATIONS
• Max. current/voltage rating with resistive load :
5A 250VAC - 5A 125VAC - 6.000 cycles
5A 15VDC - 3A 30VDC - 50.000 cycles
• Initial contact resistance : 100 mΩ max.
• Insulation resistance : 1.000 MΩ min. at 500VDC
• Dielectric strength : 2.000 Vrms 50 Hz min. between term. and frame
•Torque : 5 Nm min.- 14 Nm max. applied to nut
• Panel thickness : 1 (.039) to 9 mm (.354) max.
• Operating temperature : -20°C to +85°C
• Mechanical life : 1.000.000 cycles
• Front panel sealing : IP65
• Packaging unit : 20 pieces
Combined NC/NO
4
2
1
3
ORDER FORMAT
Series
Bushing
diameter
Bush./act.
config.
Actuator
style
Bush./act.
matl
Contact/
terminals
AV
19
P
B
See below
L
00
7
MATERIALS
• Case : PA 6/6
• Contacts : silver
• Bushing : nickel pl. brass (std)
• Actuator : nickel pl. brass (std)
CUT
-OUT
• Panel cut-out : Ø 19,2 mm (.755)
• Min. pitch for matrix mounting :
30 mm x 30 mm (1.181x1.181)
Hex nut 22 (.866) across flats
Flat actuator
AV19LP007
Curved actuator
AV19LB007
BASIC MODEL
All model numbers below are for switches with standard bushing/actuator material.
➞ O-ring
CODE
BUSHING
ACTUATOR
00 (std)
Nickel plated brass
Nickel plated brass
20
Chrome plated brass
Chrome plated brass
40
Stainless steel
Stainless steel
BUSHING
/ACTUATOR MATERIAL
For non-standard material, replace 00 with one of the following codes.
New!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com