Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSZ9567R Datasheet(PDF) 53 Page - Microchip Technology

Part # KSZ9567R
Description  7-Port Gigabit Ethernet Switch with Audio Video Bridging and Two RGMII/MII/RMII Interfaces
PDF  233 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9567R Datasheet(HTML) 53 Page - Microchip Technology

Back Button KSZ9567R_V01 Datasheet HTML 49Page - Microchip Technology KSZ9567R_V01 Datasheet HTML 50Page - Microchip Technology KSZ9567R_V01 Datasheet HTML 51Page - Microchip Technology KSZ9567R_V01 Datasheet HTML 52Page - Microchip Technology KSZ9567R_V01 Datasheet HTML 53Page - Microchip Technology KSZ9567R_V01 Datasheet HTML 54Page - Microchip Technology KSZ9567R_V01 Datasheet HTML 55Page - Microchip Technology KSZ9567R_V01 Datasheet HTML 56Page - Microchip Technology KSZ9567R_V01 Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 233 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS00002329E-page 53
KSZ9567R
The following procedure can be used to check for faults on the KSZ9567R digital I/O pin connections to the board:
1.
Enable NAND tree mode via the LED2_1, LED2_0, and LED4_0 configuration strap pins option.
2.
Use board logic to drive all KSZ9567R NAND tree input pins high and verify that the INTRP_N pin output is high.
3.
Use board logic to drive each NAND tree input pin, per the NAND Tree pin order, as follows:
a) Toggle the first pin in the NAND tree sequence (TX_CLK6/REFCLKI6) from high to low, and verify the
INTRP_N pin switches from high to low to indicate that the first pin is connected properly.
b) Leave the first pin (TX_CLK6/REFCLKI6) low.
c)
Toggle the second pin in the NAND tree sequence (TX_EN6/TX_CTL6) from high to low, and verify the
INTRP_N pin switches from low to high to indicate that the second pin is connected properly.
d) Leave the first pin (TX_CLK6/REFCLKI6) and the second pin (TX_EN6/TX_CTL6) low.
e) Toggle the third pin in the NAND tree sequence (TX_ER6) from high to low, and verify the INTRP_N pin
switches from high to low to indicate that the third pin is connected properly.
f)
Continue with this sequence until all KSZ9567R NAND tree input pins have been toggled.
Each KSZ9567R NAND tree input pin must cause the INTRP_N output pin to toggle high-to-low or low-to-high to indi-
cate a good connection. If the INTRP_N pin fails to toggle when the KSZ9567R input pin toggles from high to low, the
input pin has a fault.
25
75
RX_CLK7/REFCLKO7
Input
26
76
RX_DV7/CRS_DV7/RX_CTL7
Input
27
78
RX_ER7
Input
28
79
CRS7
Input
29
80
RXD7_3
Input
30
81
RXD7_2
Input
31
82
RXD7_1
Input
32
83
RXD7_0
Input
33
85
LED4_0
Input
34
86
LED4_1
Input
35
88
LED3_0
Input
36
89
LED3_1
Input
37
90
GPIO_1
Input
38
91
LED2_0
Input
39
92
LED2_1
Input
40
93
PME_N
Input
41
96
RESET_N
Input
42
97
SDO
Input
43
98
SDI/SDA/MDIO
Input
44
100
SCS_N
Input
45
101
SCL/MDC
Input
46
102
LED5_0
Input
47
103
LED5_1
Input
48
105
LED1_0
Input
49
106
LED1_1
Input
50
94
INTRP_N
Output
TABLE 4-23:
NAND TREE TEST PIN ORDER (CONTINUED)
NAND Tree Sequence
Pin Number
Pin Name
NAND Tree Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com