Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSZ9567R Datasheet(PDF) 52 Page - Microchip Technology

Part # KSZ9567R
Description  7-Port Gigabit Ethernet Switch with Audio Video Bridging and Two RGMII/MII/RMII Interfaces
PDF  233 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9567R Datasheet(HTML) 52 Page - Microchip Technology

Back Button KSZ9567R_V01 Datasheet HTML 48Page - Microchip Technology KSZ9567R_V01 Datasheet HTML 49Page - Microchip Technology KSZ9567R_V01 Datasheet HTML 50Page - Microchip Technology KSZ9567R_V01 Datasheet HTML 51Page - Microchip Technology KSZ9567R_V01 Datasheet HTML 52Page - Microchip Technology KSZ9567R_V01 Datasheet HTML 53Page - Microchip Technology KSZ9567R_V01 Datasheet HTML 54Page - Microchip Technology KSZ9567R_V01 Datasheet HTML 55Page - Microchip Technology KSZ9567R_V01 Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 233 page
background image
KSZ9567R
DS00002329E-page 52
 2022 Microchip Technology Inc. and its subsidiaries
The egress of SR class traffic from the high priority queue(s) is regulated at each queue by a credit-based traffic shaper
as discussed below. If the SR traffic streams do not exceed their reserved bandwidth, then the traffic shaper will ensure
that the packets egress in a relatively uniform manner.
The 802.1AS standard, which ensures node synchronization in an AVB network, relies heavily on the IEEE 1588 stan-
dard for PTP. It defines a specific profile for 1588, and adds certain other requirements in the context of 802.1Q. The
resulting entity is referred to as generalized PTP (gPTP). Section 4.5, "IEEE 1588 Precision Time Protocol" discusses
IEEE 1588 and 802.1AS together.
The IEEE 802.1Qav Credit-Based Traffic Shaper provides traffic shaping as defined in IEEE 802.1Qav. This is config-
urable on a per-queue basis. The shaper and scheduler options and details are individually configurable for each egress
port.
4.7
NAND Tree Support
The KSZ9567R provides parametric NAND tree support for fault detection between chip I/Os and board. The NAND tree
is a chain of nested NAND gates in which each KSZ9567R digital I/O (NAND tree input) pin is an input to one NAND
gate along the chain. At the end of the chain, the INTRP_N pin provides the output for the last NAND gate.
The NAND tree test process includes:
• Enabling NAND tree mode
• Pulling all NAND tree input pins high
• Driving low each NAND tree input pin sequentially per the NAND tree pin order, starting with the first row of
Table 4-23.
• Checking the NAND tree output to ensure there is a toggle high-to-low or low-to-high for each NAND tree input
driven low.
TABLE 4-23:
NAND TREE TEST PIN ORDER
NAND Tree Sequence
Pin Number
Pin Name
NAND Tree Description
148
TX_CLK6/REFCLKI6
Input
249
TX_EN6/TX_CTL6
Input
350
TX_ER6
Input
451
COL6
Input
552
TXD6_3
Input
653
TXD6_2
Input
754
TXD6_1
Input
855
TXD6_0
Input
957
RX_CLK6/REFCLKO6
Input
10
58
RX_DV6/CRS_DV6/RX_CTL6
Input
11
59
RX_ER6
Input
12
60
CRS6
Input
13
62
RXD6_3
Input
14
63
RXD6_2
Input
15
64
RXD6_1
Input
16
65
RXD6_0
Input
17
66
TX_CLK7/REFCLKI7
Input
18
67
TX_EN7/TX_CTL7
Input
19
68
TX_ER7
Input
20
69
COL7
Input
21
70
TXD7_3
Input
22
71
TXD7_2
Input
23
72
TXD7_1
Input
24
73
TXD7_0
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com