Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DI2CSB Datasheet(PDF) 1 Page - Digital Core Design

Part # DI2CSB
Description  I2C Bus Interface Slave - Base version
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DI2CSB Datasheet(HTML) 1 Page - Digital Core Design

  DI2CSB Datasheet HTML 1Page - Digital Core Design DI2CSB Datasheet HTML 2Page - Digital Core Design DI2CSB Datasheet HTML 3Page - Digital Core Design DI2CSB Datasheet HTML 4Page - Digital Core Design  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
All trademarks mentioned in this document
are trademarks of their respective owners.
http://www.dcd.pl
Copyright 1999-2007 DCD – Digital Core Design. All Rights Reserved.
http://www.DigitalCoreDesign.com
Communication systems
D
DII2
2C
CS
SB
B
●
●
○
○
●
○
○
○
●
●
●
●
●
●
●
●
●
●
●
●
●
●
●
♦
◊
◊
◊
♦
◊
◊
I
2C Bus Interface Slave - Base version
ver 1.15
OVERVIEW
I2C is a two-wire, bi-directional serial bus that
provides a simple and efficient method of
data transmission over a short distance be-
tween many devices. The DI2CSB provides
an interface between a passive target device
e.g. memory, LCD display, pressure sensors
etc. and an I2C bus. It can works as a slave
receiver or transmitter depending on working
mode determined by a master device. Very
simple interface, composed with the read,
write and data signals, allows easy connec-
tion to the target devices. The core doesn’t
required programming and is ready to work
after power up/reset. The read, write, burst
read, burst write and repeated start transmis-
sions are automatically recognized by the
core. The core incorporates all features re-
quired by I2C specification. The DI2CSB sup-
ports the following transmission modes:
Standard, Fast and High Speed.
KEY FEATURES
Conforms to v.2.1 of the I2C specification
Slave operation
Slave transmitter
Slave receiver
Supports 3 transmission speed modes
Standard (up to 100 kb/s)
Fast (up to 400 kb/s)
High Speed (up to 3,4 Mb/s)
Allows operation from a wide range of
input clock frequencies
Support for reads, writes, burst reads,
burst writes, and repeated start
7-bit addressing
No programming required
Simple interface allows easy connection
to target device e.g. memory, LCD dis-
play, pressure sensors etc.
Fully synthesizable
Static synchronous design with positive
edge clocking and synchronous reset
No internal tri-states
Scan test ready
APPLI C ATIONS
Embedded microprocessor boards
Consumer and professional audio/video
Home and automotive radio
Low-power applications
Cost-effective reliable automotive sys-
tems
DELIVERABLES
Source code:
VHDL Source Code or/and
VERILOG Source Code or/and
Encrypted, or plain text EDIF netlist
VHDL & VERILOG test bench environ-
ment
Active-HDL automatic simulation mac-
ros
ModelSim automatic simulation macros


Similar Part No. - DI2CSB

ManufacturerPart #DatasheetDescription
logo
Digital Core Design
DI2CS DCD-DI2CS Datasheet
140Kb / 4P
I2C Bus Interface - Slave
More results

Similar Description - DI2CSB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8003TS PHILIPS-TDA8003TS Datasheet
111Kb / 24P
I2C-bus SIM card interface
2000 Apr 20
logo
Digital Core Design
DI2CM DCD-DI2CM Datasheet
148Kb / 5P
I2C Bus Interface - Master
DI2CMS DCD-DI2CMS Datasheet
153Kb / 6P
I2C Bus Interface - Master/Slave
DI2CS DCD-DI2CS Datasheet
140Kb / 4P
I2C Bus Interface - Slave
logo
NXP Semiconductors
SC18IS600 NXP-SC18IS600 Datasheet
173Kb / 30P
SPI to I2C-bus interface
Rev. 05-28 July 2008
A7001AG NXP-A7001AG Datasheet
379Kb / 16P
Secure authentication microcontroller 100 kbit/s I2C slave interface
Rev. 1.1-18 March 2011
logo
Synaptics Incorporated.
CX20745 CONEXANT-CX20745 Datasheet
612Kb / 2P
Control Interface: I2C slave only
logo
Future Technology Devic...
FT200XD FTDI-FT200XD Datasheet
1Mb / 42P
FT200XD USB I2C SLAVE IC Datasheet Version 1.3
FT201XQ-T FTDI-FT201XQ-T Datasheet
1Mb / 49P
USB I2C SLAVE IC
logo
Cypress Semiconductor
CY7C65221 CYPRESS-CY7C65221 Datasheet
534Kb / 24P
Dual I2C Slave Bridge
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com