| Electronic Components Datasheet Search |
|
DI2CSB Datasheet(PDF) 2 Page - Digital Core Design |
|
|
|||||||||||||||||||||||||||||
DI2CSB Datasheet(HTML) 2 Page - Digital Core Design |
|
2 / 4 page ![]() All trademarks mentioned in this document are trademarks of their respective owners. Copyright 1999-2007 DCD – Digital Core Design. All Rights Reserved. ◊ ♦ ◊ ◊ ◊ ♦ ♦ ♦ ◊ ◊ http://www.DigitalCoreDesign.com http://www.dcd.pl Tests with reference responses Technical documentation Installation notes HDL core specification Datasheet Synthesis scripts Example application Technical support IP Core implementation support 3 months maintenance ● Delivery the IP Core updates, minor and major versions changes ● Delivery the documentation updates ● Phone & email support LICENSING Comprehensible and clearly defined licensing methods without royalty fees make using of IP Core easy and simply. Single Design license allows use IP Core in single FPGA bitstream and ASIC implemen- tation. Unlimited Designs, One Year licenses allow use IP Core in unlimited number of FPGA bitstreams and ASIC implementations. In all cases number of IP Core instantiations within a design, and number of manufactured chips are unlimited. There is no time restric- tion except One Year license where time of use is limited to 12 months. ● ○ Single Design license for VHDL, Verilog source code called HDL Source ○ Encrypted, or plain text EDIF called Netlist ● ○ ● ○ ○ ● ○ ○ One Year license for Encrypted Netlist only Unlimited Designs license for HDL Source Netlist Upgrade from HDL Source to Netlist Single Design to Unlimited Designs SYMBOL datai(7:0) rd wr clk rst scli sdai sdao datao(7:0) PINS DESCRIPTI O N PIN TYPE DESCRIPTION clk input Global clock rst input Global reset datai(7:0) input Data bus from target device scli input I 2C bus clock line (input) sdai input I 2C bus data line (input) datao(7:0) output Data bus to target device wr output Write strobe for target device rd output Read strobe for target device sdao output I 2C bus data line (output) BLOCK DIAGRAM Figure below shows the DI2CSB IP Core block diagram. Target device Interface – Performs the inter- face functions between DI2CSB internal blocks and target device. Allows easy con- nection of the core to a passive devices e.g. memory, LCD display, pressure sensors, I/O devices etc.. datai(7:0) datao(7:0) rd we rst clk Target device Interface sdai sdao scli Input Filter Output Register Shift Register Input Filter Control Logic Synchronization Logic Send Data Receive Data Receive Data Own address detection |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |