Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STDRIVEG611QTR Datasheet(PDF) 23 Page - STMicroelectronics

Part # STDRIVEG611QTR
Description  High voltage and high-speed half-bridge gate driver for GaN power switches
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVEG611QTR Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STDRIVEG611QTR Datasheet HTML 19Page - STMicroelectronics STDRIVEG611QTR Datasheet HTML 20Page - STMicroelectronics STDRIVEG611QTR Datasheet HTML 21Page - STMicroelectronics STDRIVEG611QTR Datasheet HTML 22Page - STMicroelectronics STDRIVEG611QTR Datasheet HTML 23Page - STMicroelectronics STDRIVEG611QTR Datasheet HTML 24Page - STMicroelectronics STDRIVEG611QTR Datasheet HTML 25Page - STMicroelectronics STDRIVEG611QTR Datasheet HTML 26Page - STMicroelectronics STDRIVEG611QTR Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
7.1.2
Gate resistors
The most critical layout part in a GaN design is the gate driving loop: parasitic inductance must be minimized.
The path between OUTx → RGATE resistor → GaN gate → GaN (Kelvin) source → PGND/OUT must be
minimized. Using 0603 or smaller SMD resistors is recommended also as creating a small copper plane
connected to PGND/OUT under the gate routing path to minimize loop inductance.
Turn-on gate resistors must be placed as close as possible to VCCH, RONH and VCCL, RONL pins.
7.1.3
Noise reduction
To minimize the noise generation during normal operation of typical applications, a few simple steps can be
followed:
1. Connect signal GND to current shunt cold pole (or low-side source if shunt is not present) with a single star
point. Signal ground consists of controller GND and signal GND of the STDRIVEG611.
2. If a shunt resistor is necessary, this component should have very small ELS and be placed as close as
possible to the low-side source and the STDRIVEG611. A cheap alternative to a low ESL resistor consists of
the parallel of multiple smaller resistors (for example, 3x 0603 SMD resistors have similar ESL of a 1020
package shunt resistor and is much lower than a 2010 standard package). On motor control applications, with
low dV/dt and dI/dt, the requirement can be relaxed, but small SMD shunt resistors are still recommended to
minimize ESL to remain in the recommended operating conditions range.
3. In the case of motor control (low dV/dt) applications requiring slowing down hard off dV/dt, a capacitor in
parallel to GaN gate could be required. Place the capacitor as close as possible to the GaN pins. If ringing is
observed, a resistor in series to these capacitors helps dumping ringing.
4. The OUT pin could be high frequency switching: it is preferable to be routed very closely to the load (in case of
transformer or inductor) minimizing the overlap with any other nets. This avoids undesired parasitic
capacitance and noise generation.
5. Components connected to BOOT, VCCH, RONH, and OUTH floats together with the OUT node. They must be
placed as close as possible to the listed pins minimizing the overlap with other nets.
6. Keep current loops as small as possible. A high voltage ceramic capacitor connected between high voltage
bus and power ground and placed as close as possible to GaN devices facilitates the reduction of such loops.
In multiphase applications, a ceramic capacitor is recommended for each half-bridge. In high dV/dt hard
switching applications, the high voltage ceramic capacitor ground return should be routed preferably just
under, or at least beside, the low-side and high-side GaN to minimize loop inductance, ringing, and noise
generation. The use of the first inner layer just under the GaN pads is the most effective. Proper dielectric
thickness must be selected for the insulation between the two layers. A core foil, instead of prepreg, between
the two layers is often used to ensure a more constant thickness in the PCB production process.
STDRIVEG611
PCB, BOM, and layout recommendations
DS14457 - Rev 2
page 23/33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com