Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STDRIVEG611QTR Datasheet(PDF) 1 Page - STMicroelectronics

Part # STDRIVEG611QTR
Description  High voltage and high-speed half-bridge gate driver for GaN power switches
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVEG611QTR Datasheet(HTML) 1 Page - STMicroelectronics

  STDRIVEG611QTR Datasheet HTML 1Page - STMicroelectronics STDRIVEG611QTR Datasheet HTML 2Page - STMicroelectronics STDRIVEG611QTR Datasheet HTML 3Page - STMicroelectronics STDRIVEG611QTR Datasheet HTML 4Page - STMicroelectronics STDRIVEG611QTR Datasheet HTML 5Page - STMicroelectronics STDRIVEG611QTR Datasheet HTML 6Page - STMicroelectronics STDRIVEG611QTR Datasheet HTML 7Page - STMicroelectronics STDRIVEG611QTR Datasheet HTML 8Page - STMicroelectronics STDRIVEG611QTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
Features
•
High voltage rail up to 600 V
•
dV/dt transient immunity ±200 V/ns
•
Driver with separated sink and source path for optimal driving:
–
2.4 A and 1.2 Ω sink
–
1.0 A and 3.7 Ω source
•
High-side and low-side linear regulators for 6 V gate driving voltage
•
Fast high-side startup time: 5 µs
•
45 ns propagation delay, 15 ns minimum output pulse
•
High switching frequency (> 1 MHz)
•
Embedded 600 V bootstrap diode
•
Full support of GaN hard-switching operation
•
Comparator for overcurrent detection with Smart Shutdown
•
UVLO function on VCC, VHS, and VLS
•
Separated logic inputs and shutdown pin
•
Fault pin for overcurrent, overtemperature and UVLO reporting
•
Stand-by function for low consumption mode
•
Separated PGND for Kelvin source driving and current shunt compatibility
•
3.3 V to 20 V compatible inputs with hysteresis and pull-down
Applications
•
Motor driver for home appliances, pumps, and compressors
•
Factory automation, servo, and industrial drives
•
E-bikes and power tools
•
Class D audio amplifiers
•
DC/DC and resonant converters, PFC, battery charger and adapters
Description
The STDRIVEG611 is a high-voltage half-bridge gate driver for N
‑channel
Enhancement Mode GaN.
The high-side driver section is designed to stand a voltage rail up to 600 V and can
be easily supplied by the integrated bootstrap diode.
High current capability, short propagation delay with excellent delay matching, and
integrated LDOs make the STDRIVEG611 optimized for driving high-speed GaN.
The STDRIVEG611 features supply UVLOs tailored to hard switching applications,
interlocking to avoid cross-conduction conditions and an overcurrent comparator with
SmartSD.
The input pins extended range allows easy interfacing with controllers. A standby pin
allows to reduce the power consumption during inactive periods or burst mode.
The STDRIVEG611 operates in the industrial temperature range, -40 °C to 125 °C.
The device is available in a compact QFN 4x5x1 mm package with 0.5 mm pitch.
QFN 4 x 5 x 1 mm
Product status link
STDRIVEG611
Product label
High voltage and high-speed half-bridge gate driver for GaN power switches
STDRIVEG611
Datasheet
DS14457 - Rev 2 - December 2024
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STDRIVEG611QTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STDRIVE101 STMICROELECTRONICS-STDRIVE101 Datasheet
959Kb / 13P
STDRIVE101 demonstration board for three-phase brushless motors
Oct-2020
STDRIVE101 STMICROELECTRONICS-STDRIVE101 Datasheet
1Mb / 11P
Compact, customizable and configurable reference design for battery operated BLDC/PMSM power tools based on STM32G473 and STDRIVE 101
03-Apr-2024
STDRIVE101 STMICROELECTRONICS-STDRIVE101 Datasheet
882Kb / 32P
Triple half-bridge gate driver
26-Oct-2020
STDRIVE101TR STMICROELECTRONICS-STDRIVE101TR Datasheet
882Kb / 32P
Triple half-bridge gate driver
26-Oct-2020
STDRIVE102BH STMICROELECTRONICS-STDRIVE102BH Datasheet
3Mb / 56P
Triple half-bridge gate driver with programmable currents
24-Mar-2025
More results

Similar Description - STDRIVEG611QTR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP5500 INTERSIL-HIP5500 Datasheet
922Kb / 12P
High Voltage IC Half Bridge Gate Driver
July 1998
logo
National Semiconductor ...
LM5109B NSC-LM5109B Datasheet
272Kb / 10P
High Voltage 1A Peak Half Bridge Gate Driver
LM5109A NSC-LM5109A Datasheet
663Kb / 9P
High Voltage 1A Peak Half Bridge Gate Driver
logo
Texas Instruments
LM5109A TI1-LM5109A_16 Datasheet
844Kb / 18P
High Voltage 1A Peak Half Bridge Gate Driver
logo
Diodes Incorporated
DGD05062 DIODES-DGD05062 Datasheet
669Kb / 12P
HIGH FREQUENCY HALF-BRIDGE GATE DRIVER
Rev 1
DGD05463 DIODES-DGD05463 Datasheet
777Kb / 13P
HIGH FREQUENCY HALF-BRIDGE GATE DRIVER
Rev 4
logo
ON Semiconductor
NCP51820 ONSEMI-NCP51820 Datasheet
787Kb / 20P
High Speed Half-Bridge Driver for GaN Power Switches
August, 2020 ??Rev. 2
logo
STMicroelectronics
STDRIVE601 STMICROELECTRONICS-STDRIVE601 Datasheet
406Kb / 26P
Triple half-bridge high-voltage gate driver
02-Apr-2021
logo
ON Semiconductor
NCP51810 ONSEMI-NCP51810 Datasheet
774Kb / 20P
High Speed Half-Bridge Driver for GaN Power Switches
May, 2022 - Rev. 3
logo
Alpha & Omega Semicondu...
AGD8252B1 AOSMD-AGD8252B1 Datasheet
516Kb / 9P
High Voltage Half-Bridge Gate Driver IC
Rev. 1.1 October 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com