Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62320DRCR Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62320DRCR
Description  500-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62320DRCR Datasheet(HTML) 20 Page - Texas Instruments

Back Button TPS62320DRCR Datasheet HTML 16Page - Texas Instruments TPS62320DRCR Datasheet HTML 17Page - Texas Instruments TPS62320DRCR Datasheet HTML 18Page - Texas Instruments TPS62320DRCR Datasheet HTML 19Page - Texas Instruments TPS62320DRCR Datasheet HTML 20Page - Texas Instruments TPS62320DRCR Datasheet HTML 21Page - Texas Instruments TPS62320DRCR Datasheet HTML 22Page - Texas Instruments TPS62320DRCR Datasheet HTML 23Page - Texas Instruments TPS62320DRCR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
www.ti.com
INPUT CAPACITOR SELECTION
CHECKING LOOP STABILITY
PROGRAMMING THE OUTPUT VOLTAGE WITH A DAC
AVIN
VIN
SW
TPS62300
L
ADJ
PGND
AGND
VOUT
EN
MODE/SYNC
A
A
FB
A
1
2
3
8
7
10
6
4
5
9
VO =1.5xV(DAC)
V(DAC)
CO
RF
CF
CI
VI
10kW
TPS62300, TPS62301, TPS62302
TPS62303, TPS62304, TPS62305,
TPS62311, TPS62313, TPS62315, TPS62320, TPS62321
SLVS528E – JULY 2004 – REVISED NOVEMBER 2007
Because of the nature of the buck converter having a pulsating input current, a low ESR input capacitor is
required to prevent large voltage transients that can cause misbehavior of the device or interferences with other
circuits in the system. For most applications, a 2.2-
µF or 4.7-µF capacitor is sufficient.
Take care when using only ceramic input capacitors. When a ceramic capacitor is used at the input and the
power is being supplied through long wires, such as from a wall adapter, a load step at the output can induce
ringing at the VIN pin. This ringing can couple to the output and be mistaken as loop instability or could even
damage the part.
The first step of circuit and stability evaluation is to look from a steady-state perspective at the following signals:
• Switching node, SW
• Inductor current, I
L
• Output ripple voltage, V
O(AC)
These are the basic signals that need to be measured when evaluating a switching converter. When the
switching waveform shows large duty cycle jitter or the output voltage or inductor current shows oscillations, the
regulation loop may be unstable. This is often a result of board layout and/or L-C combination.
As a next step in the evaluation of the regulation loop, the load transient response is tested. The time between
the application of the load transient and the turn on of the P-channel MOSFET, the output capacitor must supply
all of the current required by the load. VO immediately shifts by an amount equal to ΔI(LOAD) x ESR, where ESR
is the effective series resistance of CO. ΔI(LOAD) begins to charge or discharge CO generating a feedback error
signal used by the regulator to return VO to its steady-state value.
During this recovery time, VO can be monitored for settling time, overshoot or ringing that helps judge the
converter’s stability. Without any ringing, the loop has usually more than 45
° of phase margin.
Because the damping factor of the circuitry is directly related to several resistive parameters (e.g., MOSFET
rDS(on)) that are temperature dependant, the loop stability analysis has to be done over the input voltage range,
load current range, and temperature range.
On TPS62300 and TPS62320 devices, the output voltage can be dynamically programmed to any voltage
between 0.6 V and VI (or 5.4 V whichever is lower) with an external DAC driving the ADJ and FB pins (see
Figure 33). The output voltage is then equal to A(PT) x V(DAC) with a Power Train amplification A(PT) typical = 1.5.
When the output voltage is driven low, the converter reduces its output quickly in forced PWM mode, boosting
the output energy back to the input. If the input is not connected to a low-impedance source capable of absorbing
the energy, the input voltage can rise above the absolute maximum voltage of the part and get damaged. The
faster VO is commanded low, the higher is the voltage spike at the input.
For best results, ramp the ADJ/FB signal as slow as the application allows. To avoid over-slew of the regulation
loop of the converter, avoid abrupt changes in output voltage of > 300 mV/
µs (depending on V
I , output voltage
step size and L/C combination). If ramp control is unavailable, an RC filter can be inserted between the DAC
output and ADJ/FB pins to slow down the control signal.
Figure 33. Filtering the DAC Voltage
20
Submit Documentation Feedback
Copyright © 2004–2007, Texas Instruments Incorporated
Product Folder Link(s): TPS62300, TPS62301, TPS62302 TPS62303, TPS62304, TPS62305, TPS62311, TPS62313,
TPS62315, TPS62320, TPS62321



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com