Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62320DRCR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62320DRCR
Description  500-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62320DRCR Datasheet(HTML) 2 Page - Texas Instruments

  TPS62320DRCR Datasheet HTML 1Page - Texas Instruments TPS62320DRCR Datasheet HTML 2Page - Texas Instruments TPS62320DRCR Datasheet HTML 3Page - Texas Instruments TPS62320DRCR Datasheet HTML 4Page - Texas Instruments TPS62320DRCR Datasheet HTML 5Page - Texas Instruments TPS62320DRCR Datasheet HTML 6Page - Texas Instruments TPS62320DRCR Datasheet HTML 7Page - Texas Instruments TPS62320DRCR Datasheet HTML 8Page - Texas Instruments TPS62320DRCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
www.ti.com
TPS62300, TPS62301, TPS62302
TPS62303, TPS62304, TPS62305,
TPS62311, TPS62313, TPS62315, TPS62320, TPS62321
SLVS528E – JULY 2004 – REVISED NOVEMBER 2007
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
PART
OUTPUT
UNDERVOLTAGE
PACKAGE
TA
PACKAGE
ORDERING(1)(2)
NUMBER
VOLTAGE
LOCKOUT
MARKING
2.4 V
QFN-10
TPS62300DRC
AMN
TPS62300
Adjustable
2.4 V
CSP-8
TPS62300YZD
N/A
2.4 V
QFN-10
TPS62301DRC
AMO
TPS62301
1.5 V
2.4 V
CSP-8
TPS62301YZD
N/A
2.4 V
QFN-10
TPS62302DRC
AMQ
TPS62302
1.6 V
2.4 V
CSP-8
TPS62302YZD
N/A
2.4 V
QFN-10
TPS62303DRC
AMR
TPS62303
1.8 V
2.4 V
CSP-8
TPS62303YZD
N/A
2.4 V
QFN-10
TPS62304DRC
AMS
TPS62304
1.2 V
2.4 V
CSP-8
TPS62304YZD
N/A
-40
°C to 85°C
2.4 V
QFN-10
TPS62305DRC
ANU
TPS62305
1.875 V
2.4 V
CSP-8
TPS62305YZD
N/A
TPS62311
1.5 V
2 V
CSP-8
TPS62311YZD
N/A
TPS62313
1.8 V
2 V
CSP-8
TPS62313YZD
N/A
TPS62315
1.875 V
2 V
CSP-8
TPS62315YZ
N/A
2.4 V
QFN-10
TPS62320DRC
AMX
TPS62320
Adjustable
2.4 V
CSP-8
TPS62320YZD
N/A
2.4 V
CSP-8
TPS62320YED
N/A
2.4 V
QFN-10
TPS62321DRC
AMY
TPS62321
1.5 V
2.4 V
CSP-8
TPS62321YZD
N/A
2.4 V
CSP-8
TPS62321YED
N/A
(1)
The YZD, YED and YZ packages are available in tape and reel. Add a R suffix (e.g. TPS62300YxDR) to order quantities of 3000 parts.
Add a T suffix (e.g. TPS62300YxDT) to order quantities of 250 parts. The DRC package is available in tape and reel. Add a R suffix
(e.g. TPS62300DRCR) to order quantities of 3000 parts.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
2
Submit Documentation Feedback
Copyright © 2004–2007, Texas Instruments Incorporated
Product Folder Link(s): TPS62300, TPS62301, TPS62302 TPS62303, TPS62304, TPS62305, TPS62311, TPS62313,
TPS62315, TPS62320, TPS62321



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com