Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD5366C Datasheet(PDF) 3 Page - Silicon Supplies

Part # CD5366C
Description  5W Zener Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

CD5366C Datasheet(HTML) 3 Page - Silicon Supplies

  CD5366C Datasheet HTML 1Page - Silicon Supplies CD5366C Datasheet HTML 2Page - Silicon Supplies CD5366C Datasheet HTML 3Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Page 3 of 3
www.siliconsupplies.com
DISCLAIMER: The information given in this document shall in no event be regarded as a guarantee of conditions or characteristics. With
respect to any examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, Silicon
Supplies Ltd hereby disclaims any and all warranties and liabilities of any kind.
LIFE SUPPORT POLICY: Silicon Supplies Ltd components may be used in life support devices or systems only with the express written
approval of Silicon Supplies Ltd, if a failure of such components can reasonably be expected to cause the failure of that life support device or
system or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human
body or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other
persons may be endangered.
5W Zener Diode - CD5338C to CD5379C
Rev 1.0
04/02/25
Electrical Characteristics T
A = 25°C unless otherwise stated
ZENER VOLTAGE
RANGE
TEST CURRENT
REVERSE LEAKAGE CURRENT
DYNAMIC RESISTANCE
IR1 @ VR1
IR1 @ VR2
ZZ @ IZT1
ZZK @ IZT2
VZ @ IZT1
IZT1
IZT2
TA = 25°C
f = 1 kHz
V
IR1
VR1
IR2
VR2
Ω
µA
µA
DEVICE
Min.
Nom.
Max.
mA
Max.
V
Max.
V
Max.
Max.
CD5364C
32.36
33
33.64
40
1
0.1
25.1
0.5
28.2
10
150
CD5365C
35.30
36
36.70
30
1
0.1
27.4
0.5
30.8
11
160
CD5366C
38.24
39
39.76
30
1
0.1
29.7
0.5
33.3
14
170
CD5367C
42.16
43
43.84
30
1
0.1
32.7
1
36.8
20
190
CD5368C
46.08
47
47.92
25
1
0.1
35.8
0.7
40.2
25
210
CD5369C
50.01
51
51.99
25
1
0.1
38.8
0.2
43.6
27
230
CD5370C
54.91
56
57.09
20
1
0.1
42.6
0.8
47.9
35
280
CD5371C
58.83
60
61.17
20
1
0.1
45.5
0.8
51.3
40
350
CD5372C
60.79
62
63.21
20
1
0.1
47.1
0.8
53
42
400
CD5373C
66.67
68
69.33
20
1
0.1
51.7
0.8
58.1
44
500
CD5374C
73.54
75
76.46
20
1
0.1
56
0.8
64.1
45
620
CD5375C
80.40
82
83.60
15
1
0.1
62.2
0.15
70.1
60
720
CD5376C
85.30
87
88.70
15
1
0.1
66
0.15
74.4
75
760
CD5377C
89.23
91
92.77
15
1
0.1
69.2
1
77.8
75
760
CD5378C
98.1
100
101.9
12
1
0.1
76
1
85.5
90
800
CD5379C
107.9
110
112.1
12
1
0.1
83.6
1
94.1
125
1000
1. Operation above the absolute maximum rating may cause device failure. Operation at the absolute maximum ratings, for extended periods,
may reduce device reliability. 2. Assembled in DO-15 package. Die form performance subject to assembly heat sinking & die attach methods.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com